Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLF1421S1HCL Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTLF1421S1HCL
Description  OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLF1421S1HCL Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTLF1421S1HCL Datasheet HTML 4Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 5Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 6Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 7Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 8Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 9Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 10Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 11Page - Finisar Corporation. FTLF1421S1HCL Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FTLF1421S1XCL 2x10 Pin SFF Product Specification – March 2006
F i n i s a r
© Finisar Corporation March, 2006 Rev A
Page 11
XI.
References
1.
Small Form Factor (SFF) Transceiver Multi-Source Agreement (MSA). January
1998. Documentation is available from Finisar upon request.
2.
Bellcore GR-253 and ITU-T G.957 Specifications (Transmitter Optical Output
Power complies with SONET OC-48 requirements only).
3.
IEEE Std 802.3, 2002 Edition, Clause 38, PMD Type 1000BASE-LX.
IEEE Standards Department, 2002. (Transmit Optical Output has a minimum
Extinction Ratio of 8.2 dB only).
4.
“Fibre Channel Draft Physical Interface Specification (FC-PI 13.0)”. American
National Standard for Information Systems.
(*)
5.
Directive 2002/95/EC of the European Council Parliament and of the Council.
“On the restriction of the use of certain hazardous substances in electrical and
electronic equipment”. January 27, 2003.
6.
“Application Note AN-2038: Finisar Implementation of RoHS Compliant
Transceivers:. Finisar Corporation, January 21, 2005.
(*) Neither IEEE 802.3 nor FC-PI 13.0 specifies a 1310nm DFB single mode interface.
The FTLF1421S1XCL complies with these standards except for receiver sensitivity, and
transmit output power. See Section IV for details.
XII.
For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTLF1421S1HCL

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FTLF1421S1XCL FRONTIER-FTLF1421S1XCL Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTLF1421S1HCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1421S1XCL FINISAR-FTLF1421S1XCL Datasheet
239Kb / 12P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1XCL FINISAR-FTLF1721S1XCL Datasheet
231Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTRJ1721SGCL FINISAR-FTRJ1721SGCL Datasheet
498Kb / 10P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1721S1GCL FINISAR-FTLF1721S1GCL Datasheet
212Kb / 12P
   OC-48 LR-1/STM L-16.1 Multirate 2x10 SFF Transceiver
FTLF1321S1XTL FINISAR-FTLF1321S1XTL Datasheet
281Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1321S1GTL FINISAR-FTRJ1321S1GTL Datasheet
499Kb / 10P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTLF1321S1GTL FINISAR-FTLF1321S1GTL Datasheet
252Kb / 11P
   OC-48 SR-1/STM S-16 Multirate 2x10 SFF Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com