Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3081TR Datasheet(PDF) 2 Page - ETAL Group

Part # P3081TR
Description  MICROPROFILE LINE MATCHING TRANSFORMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P3081TR Datasheet(HTML) 2 Page - ETAL Group

  P3081TR Datasheet HTML 1Page - ETAL Group P3081TR Datasheet HTML 2Page - ETAL Group P3081TR Datasheet HTML 3Page - ETAL Group P3081TR Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P3081
ETALDOC 459/11
Page 2 of 4
October 2007
SPECIFICATIONS
Electrical
At T = 25°C and as circuit Fig. 1 unless otherwise stated.
Parameter
Conditions
Min
Typ
Max
Units
Insertion Loss
f = 2kHz
-
-
6
dB
Frequency response
-3dB LF cutoff
-3dB HF cutoff
200Hz - 4kHz
-
-
-
50
30
-
-
-
±0.2
Hz
kHz
dB
Return Loss
200Hz - 4kHz
16
-
-
dB
Third Harmonic
Distortion
(1)
600Hz – 10dBm in line
-
-96
-
dBm
Balance
DC - 5kHz
Method TG25
80
-
-
dB
Saturation
Excitation 50Hz
250Vrms
Output voltage
across line
-
-
-
-
10
65
Vrms
Vpeak
Voltage
Isolation
(2)
50Hz
DC
3.88
5.5
-
-
kVrms
kV
Operating range:
Functional
Storage
(5)
Humidity
Ambient temperature
-25
-40
-
-
-
-
+85
+125
95
°C
°C
%R.H.
Lumped equivalent circuit parameters as Fig. 1
DC resistance, RDC
(3)
Sum of windings
-
300
-
Ω
Leakage
inductance
ΔL
-
7
-
mH
Shunt
inductance Lp
(4)
10mV 1kHz
-
5
-
H
Shunt loss Rp
(4)
10mV 200Hz
--
15
-
k
Ω
Notes
1. Third
harmonic
typically
exceeds
other
harmonics by 20dB.
2. Components 100% tested at 6.5 kVDC.
3. Caution: do not pass DC through windings.
Telephone line current, etc. must be diverted
using choke or semiconductor line hold circuit.
4. At signal levels greater than 100mV, Lp will
increase and Rp will decrease slightly but the
effect is usually favourable to the return loss
characteristic.
5. Excludes shipping materials. Components are
dry-packed and sealed as shipped Handle in
accordance
with
IPC/JEDEC
J-STD-033
procedure
for
components
classified
as
IPC/JEDEC J-STD-020 Moisture Sensitivity
Level 5a.
Equivalent Circuit
IDEAL
1:1
Fig 1


Similar Part No. - P3081TR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P308 PHILIPS-P308 Datasheet
47Kb / 8P
   Smart eID
Rev. 01-29 July 2008
More results

Similar Description - P3081TR

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2781 ETAL-P2781 Datasheet
111Kb / 6P
   MICROPROFILE LINE MATCHING TRANSFORMER
P2782 ETAL-P2782 Datasheet
113Kb / 6P
   MICROPROFILE LINE MATCHING TRANSFORMER
P3191 ETAL-P3191 Datasheet
94Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3188 ETAL-P3188 Datasheet
103Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
100SMD ETAL-100SMD Datasheet
145Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
300SMD ETAL-300SMD Datasheet
727Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
320SMD ETAL-320SMD Datasheet
733Kb / 4P
   MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3181 ETAL-P3181 Datasheet
108Kb / 5P
   ULTRA LOW DISTORTION MICROPROFILE SMD LINE MATCHING TRANSFORMER
P3126 ETAL-P3126 Datasheet
140Kb / 4P
   LINE MATCHING TRANSFORMER
P2001 ETAL-P2001 Datasheet
123Kb / 5P
   LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com