Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A31940707WR Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # A31940707WR
Description  Single Row Terminal Blocks
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

A31940707WR Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  A31940707WR Datasheet HTML 1Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 2Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 3Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 4Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 5Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 6Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 7Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 8Page - Cooper Bussmann, Inc. A31940707WR Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Series A1000 & Series CB1000
Single Row Terminal Blocks
SPECIFICATIONS
Rating: 20A, 150V
Center Spacing: .325” (8.26 mm)
Wire Range: #14-22 AWG CU
Screw Size: #6-32 zinc plated philslot wire-ready screws
with a #2 driving recess.
Torque Rating: 9 in-lb.
Base: Standoffs are standard on CB1000 Series
for easy flux washing.
Distance Between Barriers: .26” (6.6 mm)
Recommended PCB Hole Diameter: .070” (1.78 mm)
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Molded Material: Black, UL Rated 94V0 Thermoplastic
Breakdown Voltage: 1600V
Agency Information: UL/CSA; IEC Compliance;
CE Certified
A102206
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
C
A Mount Centers
.50
(12.7)
B Pole Centers
.325
(8.26)
Mount End
Barrier End
Mount End
Barrier End
.25
(6.4)
.50
(12.7)
.15
(3.8)
dia.
A1000 Series
C
.60
(15.2)
.52
(13.2)
.025
(.64)
.27
(6.9)
.325
(8.26)
.25
(6.4)
Mount End
Barrier End
Mount End
Barrier End
B Pole Centers
A Mount Centers
.15
(3.8)
dia.
CB1000 Series
CB10210707
MOUNTING
BARRIER &
BARRIER
ENDS
MOUNTING
ENDS
ONLY
ENDS
ONLY
AC
B
C
Poles
Mount Ctrs.
Length
Pole Ctrs.
Length
02
.98
1.37
.33
.72
03
1.30
1.69
.65
1.04
04
1.63
2.02
.98
1.37
05
1.95
2.34
1.30
1.69
06
2.28
2.67
1.63
2.02
07
2.60
2.99
1.95
2.34
08
2.93
3.32
2.28
2.67
09
3.25
3.64
2.60
2.99
10
3.58
3.97
2.93
3.32
11
3.90
4.29
3.25
3.64
12
4.23
4.62
3.58
3.97
13
4.55
4.94
3.90
4.29
14
4.88
5.27
4.23
4.62
15
5.20
5.59
4.55
4.94
16
5.53
5.92
4.88
5.27
17
5.85
6.24
5.20
5.59
18
6.18
6.57
5.53
5.92
19
6.50
6.89
5.85
6.24
20
6.83
7.22
6.18
6.57
21
7.15
7.54
6.50
6.89
22
7.48
7.87
6.83
7.22
23
7.80
8.19
7.15
7.54
24
8.13
8.52
7.48
7.87
25
8.45
8.84
7.80
8.19
26
8.78
9.17
8.13
8.52
27
9.10
9.49
8.45
8.84
28
9.43
9.82
8.78
9.17
29
9.75
10.14
9.10
9.49
30
10.08
10.47
9.43
9.82
31
10.40
10.79
9.75
10.14
32
10.73
11.12
10.08
10.47
33
11.05
11.44
10.40
10.79
34
11.38
11.77
10.73
11.12
35
11.05
11.44
36
11.38
11.77
3


Similar Part No. - A31940707WR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3195 ALLEGRO-A3195 Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
A3195ELT ALLEGRO-A3195ELT Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
A3195ELT ALLEGRO-A3195ELT Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
A3195EU ALLEGRO-A3195EU Datasheet
181Kb / 8P
   HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
A3195EU ALLEGRO-A3195EU Datasheet
89Kb / 10P
   PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN
More results

Similar Description - A31940707WR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com