Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2827 Datasheet(PDF) 4 Page - ETAL Group

Part # P2827
Description  POWERLINE CARRIER ISOLATION TRANSFORMER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P2827 Datasheet(HTML) 4 Page - ETAL Group

  P2827 Datasheet HTML 1Page - ETAL Group P2827 Datasheet HTML 2Page - ETAL Group P2827 Datasheet HTML 3Page - ETAL Group P2827 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P2827
ETALDOC 886/1
Page 4 of 4
September 2007
SAFETY
CERTIFICATION
Constructed in accordance with IEC 60950-1:2001,
EN 60950-1:2001 and UL 60950-1, first Edition,
reinforced insulation 250Vrms maximum working
voltage, flammability class V-0.
Distance through solid insulation 0.4mm minimum.
Creepage and clearances in circuit are 9mm
minimum where PCB pads do not exceed Ø3mm.
Certified under the IEC CB scheme (Certificate
DK-9431) to IEC 60950-1:2001, sub-clauses 1.5,
1.5.1, 1.5.2, 1.7, 1.7.1, 2, 2.9, 2.9.1, 2.9.2, 2.9.3,
2.10, 2.10.1, 2.10.2, 2.10.3, 2.10.3.1, 2.10.3.3,
2.10.4, 2.10.5, 2.10.5.1, 2.10.5.4, 4, 4.7, 4.7.1, 4.7.3,
4.7.3.1, 4.7.3.4, 5, 5.2, 5.2.1, and 5.2.2 for a
maximum working voltage of 250Vrms, nominal
mains supply voltage not exceeding 250Vrms and a
maximum operating temperature of 85°C in
Pollution
Degree
2
environments,
reinforced
insulation,
including
national
differences
for
Denmark, Finland, Germany, Norway, Sweden,
Switzerland, USA, Canada and UK.
Recognized under the Component Recognition
Program of Underwriters Laboratories Inc. to US and
Canadian
requirements
CAN/CSA
C22.2
No. 60950-1-03/UL60950-1, First Edition, based on
IEC 60950-1, First Edition, maximum working
voltage 250Vrms, Pollution Degree 2, reinforced
insulation.
UL File number E203175.
Additionally, Profec Technologies certifies all
transformers as providing voltage isolation of
3.88kVrms, 5.5kV DC minimum. All shipments are
supported by a certificate of conformity to current
applicable safety standards.
ABSOLUTE MAXIMUM RATINGS
COPYRIGHT
(Ratings of components independent of circuit).
Short term isolation voltage (1s)
4.6kVrms,
6.5kVDC
Coil temperature (continuous)
155°C
Storage temperature
-40°C to
+125°C
Lead temperature, 10s
260°C
ETAL, P2820, and P2827 are Trade Marks of
Profec Technologies Ltd.
The Trade Mark ETAL is registered at the UK
Trade Marks Registry.
Profec Technologies Ltd. is the owner of the
design right under the Copyright Designs and
Patents Act 1988 and no rights or licences are
hereby granted or implied to any third party.
© 1996 - 2007 Profec Technologies Ltd.
Reproduction prohibited.
ETAL Group Oy, Kuormatie 14, FIN-03101, Nummela
Telephone: +358 (0)20 7500 330
Fax: +358 (0)20 7500 333
Website: www.etalgroup.com
Email: etalgroup@egruppen.com
FM 25326
ISO 9001
E203175


Similar Part No. - P2827

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P282 POLYFET-P282 Datasheet
39Kb / 2P
   PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
P282 POLYFET-P282 Datasheet
43Kb / 2P
   polyfet rf devices
logo
ETAL Group
P2820 ETAL-P2820 Datasheet
190Kb / 6P
   POWERLINE CARRIER ISOLATION TRANSFORMERS
P2821 ETAL-P2821 Datasheet
190Kb / 6P
   POWERLINE CARRIER ISOLATION TRANSFORMERS
P2822 ETAL-P2822 Datasheet
190Kb / 6P
   POWERLINE CARRIER ISOLATION TRANSFORMERS
More results

Similar Description - P2827

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2824 ETAL-P2824 Datasheet
95Kb / 4P
   POWERLINE CARRIER ISOLATION TRANSFORMER
P2820 ETAL-P2820 Datasheet
190Kb / 6P
   POWERLINE CARRIER ISOLATION TRANSFORMERS
logo
XFMRS Inc.
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
   ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
   ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
   ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
   Isolation Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
   Isolation Transformer
logo
XFMRS Inc.
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
   Isolation Transformer
XFADSL37S XFMRS-XFADSL37S Datasheet
79Kb / 1P
   Isolation Transformer
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
   Isolation Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com