Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-1629-57 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FTR-1629-57
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1629-57 Datasheet(HTML) 5 Page - Finisar Corporation.

  FTR-1629-57 Datasheet HTML 1Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 2Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 3Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 4Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 5Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 6Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 7Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 8Page - Finisar Corporation. FTR-1629-57 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FTR-1629-XX DWDM GBIC Preliminary Product Specification – June 2003
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 5
Rev D, June 2003
IV.
High Speed Electrical Interface
All high-speed PECL signals are AC coupled internally.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
RX_LOS Assert Level
-42
-39
dBm
RX_LOS Deassert Level
-37
-32
dBm
RX_LOS Hysteresis
1
dB
RX_LOS Assert Delay
t_loss_on
300
µsec From detection of loss of signal
to assertion of RX_LOS
RX_LOS Negate Delay
t_loss_off
150
µsec From detection of presence of
signal to negation of RX_LOS
TX_DISABLE Assert Time
t_off
100
µsec Rising edge of TX_DISABLE to
fall of output signal b elow 10%
of nominal
TX_DISABLE Negate Time
t_on
1000
µsec Falling edge of TX_DISABLE
to rise of output signal above
90% of nominal. Time
indicated is under steady -state
temperature conditions.
TX_DISABLE Reset Time
t_reset
10
µsec TX_DISABLE HIGH before
TX_DISABLE set LOW
TX_FAULT Assert
-0.1
0.1
nm
TX_Fault will assert before the
device is outside of specified
wavelength range
Table 4. Low Speed Signal Parameters
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
Data Input Voltage
Vin
650
2000
mV
PECL differential peak - peak
Data Output Voltage
Vout
370
2000
mV
PECL differential peak - peak
PECL rise/fall
Tr,Tf
150
psec
20% -80% Differential
Bit Error Rate
BER
10
-12
PRBS 2
7 - 1 test data pattern
Tx Input Impedance
Zin
75
Ohm
Rx Output Impedance
Zout
75
Ohm
Table 5. High Speed Electrical Interface


Similar Part No. - FTR-1629-57

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-49 FINISAR-FTR-1621-49 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-51 FINISAR-FTR-1621-51 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-53 FINISAR-FTR-1621-53 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621-55 FINISAR-FTR-1621-55 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1629-57

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1631-17 FINISAR-FTR-1631-17 Datasheet
87Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com