Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM312306 Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # EM312306
Description  Euro-Mag Terminal Blocks 3.50 Centers Modular
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

EM312306 Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  EM312306 Datasheet HTML 1Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 2Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 3Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 4Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 5Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 6Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 7Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 8Page - Cooper Bussmann, Inc. EM312306 Datasheet HTML 9Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
.039
(1.00)
L
.32
(8.0)
.39
(10.0)
.19
(4.8)
.15
(3.7)
.197
(5.00)
.024
(.60)
.10
(2.5)
EM3675 Series
Euro-Mag Terminal Blocks
5.00 Centers
SPECIFICATIONS
Rating: 10A, 300V
Center Spacing: .197” (5.00)
Wire Range: #14-26 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Tin Plated Brass
Screw Size: M2x6, Nickel Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 4.0 in-lb.
Recommended PCB Hole Diameters: .055" (1.40)
Construction: Mold to Length
Connector Style: Spring Clamp
Agency Information: UL/CSA; CE Certified
Poles
2
3
4
5
6
7
8
9
10
11
12
13
14
L (mm)
10.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
60.00
65.00
70.00
Poles
15
16
17
18
19
20
21
22
23
24
25
26
27
L (mm)
75.00
80.00
85.00
90.00
95.00
100.00
105.00
110.00
115.00
120.00
125.00
130.00
135.00
To convert to inches, divide by 25.4
Part Numbering System
Series
# of Poles
02 to 27
EM 3 6 7 5
TABLE A
EM367512
45


Similar Part No. - EM312306

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM312306 EATON-EM312306 Datasheet
834Kb / 1P
   EuroMag Series PCB Mount Terminal Blocks
More results

Similar Description - EM312306

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EM2742 COOPER-EM2742 Datasheet
392Kb / 9P
   Euro-Mag Terminal Blocks Screwless 2.54 Centers
logo
List of Unclassifed Man...
TSB13 ETC1-TSB13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Eaton All Rights Reserv...
EM2665 EATON-EM2665 Datasheet
1Mb / 1P
   EuroMag Terminal Blocks 5.00 Centers
EM2795 EATON-EM2795 Datasheet
927Kb / 1P
   EuroMag Terminal Blocks Screwless; 5.08 Centers
EM2742 EATON-EM2742 Datasheet
681Kb / 1P
   EuroMag Terminal Blocks Screwless; 2.54 Centers
EM2919 EATON-EM2919 Datasheet
984Kb / 1P
   9.52 Centers; Modular
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
   5.00 Centers; Modular
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
   5.00 Centers; Modular
logo
Adam Technologies, Inc.
EB119-XX-M ADAM-TECH-EB119-XX-M Datasheet
74Kb / 1P
   MODULAR EURO BLOCK
logo
Eaton All Rights Reserv...
EM9126 EATON-EM9126 Datasheet
968Kb / 1P
   6.35 Centers; Modular
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com