Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB400-05 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # TB400-05
Description  Double Row Terminal Blocks
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TB400-05 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

Back Button TB400-05 Datasheet HTML 2Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 3Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 4Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 5Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 6Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 7Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 8Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 9Page - Cooper Bussmann, Inc. TB400-05 Datasheet HTML 10Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
OJ11
Slip-on over barrier
OJ6
Closed over barrier
J301
Flat slip-on
(TB300 only)
QC208
QC 45° – QC 90°
QC205
Flat – QC 45°
QC204
Flat – Flat
QC207
QC 45° – QC 45°
QC206
Flat – QC 90°
QC202
QC 45° – none
QC201
Flat – none
QC203
QC 90° – none
Quick Connects – Bulk *TB300 only.
Min. order per part no. – 100 pieces.
Screw Options
Hardware Options
B
Brass Philslot
Nickel Plated
ST
Stainless Steel
Philslot
BS
Brass SEMS
Philslot Nickel Plated
SP
Steel SEMS
Philslot Zinc Plated
STR
Stainless Steel
Phillips (recess)
P
Steel SEMS
(P-Style)
Jumpers – Bulk
Min. order per part no. – 100 pieces. Contact factory for jumper assembly.
QC8
QC9
QC11
QC10
QC12
QC13
QC7
QC20
QC209
QC 90° – QC 90°
QC1
QC2
QC4
QC3
QC5
QC6
QC17
QC18
QC19
QC14
QC15
QC16
Quick Connects – Assembled TB300 only. Terminals .250” x .031”. Max. current rating 20 Amps. For other orientations, contact factory.
33


Similar Part No. - TB400-05

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB4005 TAITRON-TB4005 Datasheet
212Kb / 4P
   40A Bridge Rectifiers
More results

Similar Description - TB400-05

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
List of Unclassifed Man...
KU12 ETC2-KU12 Datasheet
74Kb / 1P
   Base Mount Double Row Terminal Blocks
logo
WAGO Kontakttechnik Gmb...
289-965 WAGO-289-965 Datasheet
147Kb / 4P
   Interface module; 2xRJ-45; PCB terminal blocks, double-row
289-966 WAGO-289-966 Datasheet
152Kb / 5P
   Interface module; 2xRJ-45; PCB terminal blocks, double-row
23.11.2021
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
A2000 EATON-A2000 Datasheet
1Mb / 6P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com