Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

255PPA122KS Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 255PPA122KS
Description  Polypropylene Film Capacitors for Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

255PPA122KS Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  255PPA122KS Datasheet HTML 1Page - Illinois Capacitor, Inc. 255PPA122KS Datasheet HTML 2Page - Illinois Capacitor, Inc. 255PPA122KS Datasheet HTML 3Page - Illinois Capacitor, Inc. 255PPA122KS Datasheet HTML 4Page - Illinois Capacitor, Inc. 255PPA122KS Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PPA
PHYSICAL DIMENSIONS
700
(380)
WVDC
(VAC)
µF
2,000
(630)
Convert to inches, divide by 25.4
3,000
(750)
+ 85°C Metallized
Polypropylene
Capacitor
DxL (mm)
850
(450)
1,200
(500)
1,500
(575)
1000
(480)
2500
(700)
0.0047
11x29
0.0068
10.5x34
12.5x29
0.01
11.5x29
12x34
13.5x29
14.5x29
0.015
11x29
13.5x29
14x34
16.5x29
0.022
11x34
13x34
16x34
12.5x29
15.5x29
0.033
12.5x29
13x34
15x34
19x34
14.5x29
18x29
0.047
12x29
10.5x34
14x29
15x34
17x34
18x46
16.5x29
22.5x34
0.068
11.5x29
12.5x29
12x34
13.5x34
17x34
20.5x34
21x46
13.5x29
16x29
0.1
12x29
11x34
12.5x34
16x29
16x34
16.5x46
19.5x46
25x46
13x29
14.5x29
14x34
20x34
24.5x34
0.15
13.5x29
13x34
14.5x34
17x34
19.5x34
19.5x46
23.5x46
30x46
15x29
17x29
24x34
0.22
13.5x34
15x34
17.5x34
19.5x34
19x46
23x46
27.5x46
29x59
15.5x29
17.5x29
23x34
30.5x55
36x46
0.33
15.5x34
18x34
17x46
19x46
23x46
27.5x46
27.5x59
35x59
17.5x29
20.5x34
23x34
28.5x55
37x55
33.5x46
0.39
37.5x59
40x55
0.47
18x34
18x46
20x46
22x46
27x46
26x59
32x59
41x59
21.5x34
24x34
27x55
33.5x55
32.5x46
0.56
28.5x59
34.5x59
29.5x55
36.5x55
35x46
0.68
18x46
21x46
23.5x46
26.5x46
31.5x46
31x59
38x59
21.5x34
25.5x34
32x55
40x55
0.82
41.5x59
1
21x46
25x46
28x46
25.5x59
31.5x55
37x59
26x34
27x55
30.5x59
39x55
32x46
37x46
1.2
28x59
33.5x59
40.5x59
29.5x55
35.5x55
34.5x46
1.5
25.5x46
29.5x46
28x59
31x59
37x59
29.5x55
33x55
40x55
33.5x46
37x46
2
29x46
28x59
31.5x59
35.5x59
42x59
29x55
33.5x55
37.5x55
33.5x46
39x55
2.2
25.5x59
29.5x59
33x59
37x59
27x55
30.5x55
35x55
39x55
30x46
35x46
2.5
27.5x59
31x59
39x59
29x55
32x55
41x55
32x46
36.5x46
217


Similar Part No. - 255PPA122KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
255PPA122KS ILLINOISCAPACITOR-255PPA122KS Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
More results

Similar Description - 255PPA122KS

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
TPPN MERITEK-TPPN Datasheet
107Kb / 1P
   Polypropylene Film Capacitors
logo
Jianghai Europe GmbH
CBB162IP JIANGHAI-CBB162IP Datasheet
438Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
CBB161GIG JIANGHAI-CBB161GIG Datasheet
478Kb / 5P
   Polypropylene Film Capacitors for Snubber Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com