Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAW23083 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # RAW23083
Description  Automotive PCB relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RAW23083 Datasheet(HTML) 3 Page - ZETTLER Electronics

  RAW23083 Datasheet HTML 1Page - ZETTLER Electronics RAW23083 Datasheet HTML 2Page - ZETTLER Electronics RAW23083 Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
RA2
Automotive PCB relays
Mounting
Relays
are designed for direct PCB mounting.
RA2
Ordering codes
31- AgSnO /Au 0,2 m
2
µ
2
See Table 1, page 2
- without cover
- with cover
2002-12-20


Similar Part No. - RAW23083

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RAW2-3081-15-1005 WILLOW-RAW2-3081-15-1005 Datasheet
360Kb / 3P
   Automotive PCB relays
RAW2-3081-15-1006 WILLOW-RAW2-3081-15-1006 Datasheet
360Kb / 3P
   Automotive PCB relays
RAW2-3081-15-1009 WILLOW-RAW2-3081-15-1009 Datasheet
360Kb / 3P
   Automotive PCB relays
RAW2-3081-15-1012 WILLOW-RAW2-3081-15-1012 Datasheet
360Kb / 3P
   Automotive PCB relays
RAW2-3081-15-1015 WILLOW-RAW2-3081-15-1015 Datasheet
360Kb / 3P
   Automotive PCB relays
More results

Similar Description - RAW23083

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
RA2 WILLOW-RA2 Datasheet
360Kb / 3P
   Automotive PCB relays
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
   PCB relays Twin relays
logo
NEC
EQ131000S NEC-EQ131000S Datasheet
139Kb / 12P
   AUTOMOTIVE RELAYS
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
   PCB Relays Single Relays
Revised 6-2009
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com