Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF15197D47 Datasheet(PDF) 7 Page - Finisar Corporation.

Part # FWLF15197D47
Description  CWDM RoHS Compliant Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15197D47 Datasheet(HTML) 7 Page - Finisar Corporation.

Back Button FWLF15197D47 Datasheet HTML 3Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 4Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 5Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 6Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 7Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 8Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 9Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 10Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 11Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FWLF15197Dxx SFP Product Specification – October 2006
F i n i s a r
© Finisar Corporation October 2006 Rev.B
Page 7
IX.
Digital Diagnostic Functions
All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP
MSA
4. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h
(see table below for E
2PROM contents). For details on interfacing with the E2PROM, see
the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”7
Finisar’s CWDM SFPs also support extended diagnostic features as described in Finisar
Applications Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
8, and additional information is available in SFF standard titled: “Digital
Diagnostic Monitoring Interface for Optical Transceivers
9
(SFF-8472 rev9.3). A
controller IC that monitors system parameters such as laser current, module temperature,
transmitter power, and received power is accessible at address A2H.
I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in
the table below. Values in the table represent the worst-case values over temperature,
voltage, and life.
Parameter
Symbol
Min Typ
Max
Units
Notes/Conditions
I
2C Clock Speed
0
100,000
Hz
Bus can be driven blind
Accuracy
Internal Transceiver
Temperature
DDTemperatu
re
-3
+3
°C
Measured at controller IC
Internal Transceiver
Supply Voltage
DDVoltage
-3
+3
%
Measured at controller IC
Tx Bias Current
DDBias
-10
+10
%
Tx Output Power
DDTxPower
-3
+3
dB
100% tested in production
tested at room temp to
±2 dB
Received Average Power
DDRxPower
-3
+3
dB
100% tested in production
tested at room temp to
±2 dB
Range
Internal Transceiver
Temperature
DDTemperatu
re
-40
85
°C
Internal Transceiver
Supply Voltage
DDVoltage
3.0
4.0
V
Tx Bias Current
DDBias
0
90
mA
Tx Output Power
DDTxPower
-10
5
dBm
Received Average Power
DDRxPower
-23
0
dBm


Similar Part No. - FWLF15197D47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF15197DXX FRONTIER-FWLF15197DXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF15197DXX FINISAR-FWLF15197DXX Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF15197D47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1524P2V FINISAR-FWLF1524P2V Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com