Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF15197D47 Datasheet(PDF) 4 Page - Finisar Corporation.

Part # FWLF15197D47
Description  CWDM RoHS Compliant Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15197D47 Datasheet(HTML) 4 Page - Finisar Corporation.

  FWLF15197D47 Datasheet HTML 1Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 2Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 3Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 4Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 5Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 6Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 7Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 8Page - Finisar Corporation. FWLF15197D47 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FWLF15197Dxx SFP Product Specification – October 2006
F i n i s a r
© Finisar Corporation October 2006 Rev.B
Page 4
IV.
Low Speed Signals
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
RX_LOS Assert Level
-30
dBm
RX_LOS Deassert Level
-19
dBm
RX_LOS Hysteresis
0.5
2
dB
RX_LOS Assert Delay
t_loss_on
100
μsec From detection of loss of signal
to assertion of RX_LOS
RX_LOS Negate Delay
t_loss_off
100
μsec From detection of presence of
signal to negation of RX_LOS
TX_DISABLE Assert Time
t_off
10
μsec Rising edge of TX_DISABLE to
fall of output signal below 10%
of nominal
TX_DISABLE Negate Time
t_on
1000
μsec Falling edge of TX_DISABLE
to rise of output signal above
90% of nominal. Time
indicated is under steady-state
temperature conditions.
TX_DISABLE Reset Time
t_reset
10
μsec TX_DISABLE HIGH before
TX_DISABLE set LOW
TX_FAULT Assert
100
μsec From fault to assertion of
TX_FAULT
Initialization Time
300
msec
From power on to negation of
TX_FAULT using
TX_DISABLE


Similar Part No. - FWLF15197D47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF15197DXX FRONTIER-FWLF15197DXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF15197DXX FINISAR-FWLF15197DXX Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF15197D47

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1524P2V FINISAR-FWLF1524P2V Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com