Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227TTA250M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 227TTA250M
Description  85째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227TTA250M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  227TTA250M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227TTA250M Datasheet HTML 2Page - Illinois Capacitor, Inc. 227TTA250M Datasheet HTML 3Page - Illinois Capacitor, Inc. 227TTA250M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
98
®
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
22.0
25.0
d
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
TTA
+ 85°C Standard Axial
Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
50
(63)
35
(44)
25
(32)
16
(20)
10
(13)
Convert to inches, divide by 25.4
63
(79)
80
(100)
100
(125)
160
(200)
250
(300)
350
(400)
PVC SLEEVE
d
D1
L
35.0 MIN
35.0 MIN
(µF)
0.47
1.0
2.2
3.3
4.7
10
15
22
33
47
68
100
150
220
330
470
1,000
1,500
2,200
3,300
4,700
6,800
10,000
15,000
22,000
5x12.5
5x12.5
5x12.5 6.3x12.5
6.3x16
8x16
5x12.5
5x12.5
6.3x16
8x16
8x16
10x20
5x12.5
5x12.5
8x16
8x16
8x20
8x20
5x12.5
5x12.5
8x16
8x20
8x20
10x25
5x12.5
5x12.5
5x12.5
6.3x12.5
8x20
10x20
12.5x25 12.5x25
5x12.5
5x12.5
5x12.5 6.3x12.5
8x16
10x25
12.5x25 12.5x30 16x30
5x12.5
6.3x16
8x16
12.5x25 12.5x30 16x31.5 16x40
5x12.5 6.3x12.5 6.3x16
6.3x16
8x16
8x20
12.5x30
16x30
16x40
22x40
6.3x16
8x16
8x20
6.3x12.5
6.3x16
8x16
8x16
8x20
10x25
16x30
16x40
18x40
22x50
8x16
8x20
10x16
10x20
12.5x25
8x16
8x16
8x20
10x20
10x25
12.5x25 22x40
22x40
8x16
8x20
10x25 12.5x25
12.5x30
8x16
8x20
10x20
10x25 12.5x25 12.5x30
16x30
10x20
10x25
12.5x25 12.5x25 16x30
16x30
16x40
18x40
12.5x25
16x30
16x40
12.5x25 12.5x30
16x30
16x30
16x40
18x40
22x50
25x50
12.5x30
16x30
16x30
16x40
22x40
22x50
16x30
16x31.5
16x40
22x40
22x50
25x50
16x40
18x40
22x50
18x40
18x40
22x50
25x50
22x50
22x50
22x50
L1
+
_
DxL (mm)
D1=D+B Max.
D
≤ 18 &V≤ 100, L1 = L+1.0 mm
D
≤ 18 &V> 100, L1 = L+2.0 mm
D > 18 L1= L+2.0 mm
NOTE: Case Vent is standard on all
diameter
≥8.0mm
450
(500)
WVDC
(SV)
LEAD INFORMATION VS. CASE DIAMETER


Similar Part No. - 227TTA250M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227TTA250M ILLINOISCAPACITOR-227TTA250M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
227TTA250M ILLINOISCAPACITOR-227TTA250M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
227TTA250M ILLINOISCAPACITOR-227TTA250M Datasheet
291Kb / 3P
   Axial lead - High voltage
227TTA250M ILLINOISCAPACITOR-227TTA250M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
227TTA250M ILLINOISCAPACITOR-227TTA250M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 227TTA250M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com