Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTRJ1419P1WCL Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTRJ1419P1WCL
Description  2 Gigabit Long-Wavelength Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1419P1WCL Datasheet(HTML) 3 Page - Finisar Corporation.

  FTRJ1419P1WCL Datasheet HTML 1Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 2Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 3Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 4Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 5Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 6Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 7Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 8Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FTRJ1419P1xCL Pluggable SFP Product Specification – May 2004
F i n i s a r
 Finisar Corporation May 27, 2004 Rev. H
Page 3
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.5
V
Storage Temperature
TS
-40
85
°C
Case Operating Temperature
TOP
-10
70
°C
Relative Humidity
RH
0
85
%
1
III.
Electrical Characteristics (TOP = -10 to 70 °°°°C, VCC = 3.00 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.00
3.60
V
Supply Current
Icc
200
300
mA
Transmitter
Input differential impedance
Rin
100
2
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
3
Transmit Disable Assert Time
10
us
Receiver
Single ended data output swing
Vout,pp
300
400
800
mV
4
Data output rise time
tr
100
175
ps
5
Data output fall time
tf
100
175
ps
5
LOS Fault
VLOS fault
Vcc – 0.5
VccHOST
V
6
LOS Normal
VLOS norm
Vee
Vee+0.5
V
6
Power Supply Rejection
PSR
100
mVpp
7
Deterministic Jitter Contribution
RX
DJ
51.7
ps
8
Total Jitter Contribution
RX
TJ
122.4
ps
Notes:
1. Non condensing.
2. Connected directly to TX data input pins. AC coupled thereafter.
3. Or open circuit.
4. Into 100 ohm differential termination.
5. 20 – 80 %
6. LOS is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
7. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to
specified value applied through the recommended power supply filtering network.
8. Measured with DJ-free data input signal. In actual application, output DJ will be the sum of input DJ
and
DJ.


Similar Part No. - FTRJ1419P1WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1421P1BCL FINISAR-FTRJ1421P1BCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1BNL FINISAR-FTRJ1421P1BNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTRJ1419P1WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1619P1WCL FINISAR-FTRJ1619P1WCL Datasheet
674Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1519P1WCL FINISAR-FTRJ1519P1WCL Datasheet
674Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1519P1WNL FINISAR-FTRJ1519P1WNL Datasheet
710Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1319P1WTL FINISAR-FTRJ1319P1WTL Datasheet
673Kb / 11P
   Industrial Temperature 2 Gigabit Long-Wavelength Pluggable SFP Transceiver
logo
List of Unclassifed Man...
FTRJ-1319-7D ETC2-FTRJ-1319-7D Datasheet
162Kb / 10P
   Long-Wavelength Pluggable SFP Transceiver
logo
Finisar Corporation.
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com