Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTRJ1419P1WCL Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTRJ1419P1WCL
Description  2 Gigabit Long-Wavelength Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRJ1419P1WCL Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTRJ1419P1WCL Datasheet HTML 3Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 4Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 5Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 6Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 7Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 8Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 9Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 10Page - Finisar Corporation. FTRJ1419P1WCL Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
FTRJ1419P1xCL Pluggable SFP Product Specification – May 2004
F i n i s a r
 Finisar Corporation May 27, 2004 Rev. H
Page 11
XI.
References
1.
“Fibre Channel Physical and Signaling Interface (FC-PH, FC-PH2, FC-PH3)”.
American National Standard for Information Systems.
2.
“Fibre Channel Draft Physical Interface Specification (FC-PI 13.0)”. American
National Standard for Information Systems.(*)
3.
Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA),
September 2000. Documentation is currently available at Finisar upon request.
4.
IEEE Std 802.3. IEEE Standards Department, 2002.
(*)
FC-PI 13.0 does not specify a 1310nm DFB interface for extended reach
applications. The FTRJ1419P1xCL complies with this standard, except for the optical
output power. See section IV for details.
XII.
For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTRJ1419P1WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1421P1BCL FINISAR-FTRJ1421P1BCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1BNL FINISAR-FTRJ1421P1BNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WCL FINISAR-FTRJ1421P1WCL Datasheet
673Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421P1WNL FINISAR-FTRJ1421P1WNL Datasheet
728Kb / 11P
   OC-48 IR-1/STM S-16.1 Multirate Pluggable SFP Transceiver
FTRJ1421SG FINISAR-FTRJ1421SG Datasheet
498Kb / 10P
   OC-48 IR-1/STM S-16.1 Multirate 2x10 SFF Transceiver
More results

Similar Description - FTRJ1419P1WCL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRJ1619P1WCL FINISAR-FTRJ1619P1WCL Datasheet
674Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1519P1WCL FINISAR-FTRJ1519P1WCL Datasheet
674Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1519P1WNL FINISAR-FTRJ1519P1WNL Datasheet
710Kb / 11P
   2 Gigabit Long-Wavelength Pluggable SFP Transceiver
FTRJ1319P1WTL FINISAR-FTRJ1319P1WTL Datasheet
673Kb / 11P
   Industrial Temperature 2 Gigabit Long-Wavelength Pluggable SFP Transceiver
logo
List of Unclassifed Man...
FTRJ-1319-7D ETC2-FTRJ-1319-7D Datasheet
162Kb / 10P
   Long-Wavelength Pluggable SFP Transceiver
logo
Finisar Corporation.
FTLF1519P1XCL FINISAR-FTLF1519P1XCL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WCL FINISAR-FTLF1519P1WCL Datasheet
721Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1419P1WCL FINISAR-FTLF1419P1WCL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1WNL FINISAR-FTLF1519P1WNL Datasheet
719Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
FTLF1519P1XNL FINISAR-FTLF1519P1XNL Datasheet
689Kb / 11P
   2 Gb/s RoHS Compliant Long-Wavelength Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com