Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY2101246WT Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # RY2101246WT
Description  Plug-in power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

RY2101246WT Datasheet(HTML) 1 Page - ZETTLER Electronics

  RY2101246WT Datasheet HTML 1Page - ZETTLER Electronics RY2101246WT Datasheet HTML 2Page - ZETTLER Electronics RY2101246WT Datasheet HTML 3Page - ZETTLER Electronics RY2101246WT Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RY2
Plug-in power relays
2C/O
AgCdO
250 V / 250 V
10 V
12A/250VAC
12A/30VDC
20 A
10 mA
12 A
3 000 VA
0,5 W
100 m
1 200 cycles/hour
18 000 cycles/hour
0,9 W DC
£W
at 100 mA, 24 V
Contacts
Coil
on
5...220 V DC
6...230 V AC 50 Hz, 6...240 V AC 50/60 Hz
0,1 U DC;
0,2 U AC
see Tables 1, 2, 3
1,6 VA AC 50 Hz; 1,9 VA AC 50/60 Hz
³³
nn
Contact number
arrangement
Contact material
Max. switching voltage AC/DC
Min. switching voltage AC/DC
Rated load
AC1
DC1
Max.
Min.
current
Rated current
Max. breaking capacity
AC1
Resistance
• at rated load
•noload
Rated voltage
Must release voltage
Operating range of supply voltage
Rated power consumption
Insulation category
Insulation rated voltage
Dielectric strength:
• coil-contact
• contact-contact
• pole-pole
• clearance
• creepage
Operating time (typical value)
Release time (typical value)
• resistive
• cos
Mechanical life (cycles)
Dimensions (L x W x H)
Weight
• operating
Cover protection category
Shock resistance
Vibration resistance
Contacts
Coil
Insulation
General data
&
Voltage
Current
Max. operating frequency
Voltage
Voltage
Contact-coil distance
Electrical life
Ambient temperature
j
switching current
inrush
Min. breaking capacity
• storing
at 12 A 250 V AC
B250
250VAC
2500VAC
1000VAC
2500VAC
2,6 mm
4mm
10
see Fig. 2
10
27,5 x 21,1 x 34,5 mm
35 g
-40...+70 °C
-40...+55 °C
IP 40
10 g
5g
for 15...150 Hz
³
³
³
³
5
7
General data
V
15 ms
10 ms
• Plug-in version - rail mount TH35, EN 50022
• General purpose relays


Similar Part No. - RY2101246WT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RY210005 MACOM-RY210005 Datasheet
279Kb / 4P
   Miniature Power PCB RY II & RY II reflow-solderable
RY210005 MACOM-RY210005 Datasheet
177Kb / 3P
   Miniature Power PCB Relay RY II
RY210005 MACOM-RY210005_05 Datasheet
177Kb / 3P
   Miniature Power PCB Relay RY II
RY210012 MACOM-RY210012 Datasheet
279Kb / 4P
   Miniature Power PCB RY II & RY II reflow-solderable
RY210024 MACOM-RY210024 Datasheet
279Kb / 4P
   Miniature Power PCB RY II & RY II reflow-solderable
More results

Similar Description - RY2101246WT

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
   Plug-in power relays
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R2101223 ZETTLER-R2101223 Datasheet
212Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
13801 MACOM-13801 Datasheet
428Kb / 6P
   Plug-in relays Mini ISO relays
logo
Allen-Bradley
700-HR ALLEN-BRADLEY-700-HR Datasheet
1Mb / 14P
   Plug-in Timing Relays
logo
Tyco Electronics
V23234 MACOM-V23234 Datasheet
876Kb / 4P
   Power Relay B Plug-in Mini ISO Relays Automotive Relays
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com