Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2211247 Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # R2211247
Description  Miniature plug-in power relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

R2211247 Datasheet(HTML) 4 Page - ZETTLER Electronics

  R2211247 Datasheet HTML 1Page - ZETTLER Electronics R2211247 Datasheet HTML 2Page - ZETTLER Electronics R2211247 Datasheet HTML 3Page - ZETTLER Electronics R2211247 Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
10
20
21
23
- AgNi
AgNi/Au 0,2 m
- AgNi/Au 5 m
- AgCdO
µ
µ
2C/O
Relays
are designed for:
• screw terminals sockets
(modules and clips available) and
- for DIN rail mounting,
• PCB terminals sockets
- for PCB mounting,,
• solder terminals sockets
and
,
• direct PCB mounting.
R2
GZT2
GZR2
SU4/2D
SU4/2L
G4/2
Ordering codes
Mounting
See Tables 1, 2, page 2
*
- only for DC coils
D, LD, WTD, WTLD
WT - standard features plug-in power relays
*
-- - -
L
D
LD
WTD
WTLD
-
no additional features
-
LED indicator
-
arc suppressing diode
-
LED indicator +arc suppressing diode
indicating flag + manual testing/latching lever + LED indicator
-
indicating flag + manual testing/latching lever + arc suppressing diode
- indicating flag + manual testing/latching lever + LED indicator + arc suppressing diode
WT
WTL
-
indicating flag + manual testing/latching lever (standard)
-
R2
Miniature plug-in power relays
2002-12-20


Similar Part No. - R2211247

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R22 ETC2-R22 Datasheet
150Kb / 6P
   Bimetal Cutouts Temperature Regulators Temperature Limiters
R22-5D16-12 ETC2-R22-5D16-12 Datasheet
565Kb / 1P
   Sealed Construction
R22-5D16-24 ETC2-R22-5D16-24 Datasheet
565Kb / 1P
   Slimline 16 Amp SPST?묿O SPDT
R2201C2NBB ETC2-R2201C2NBB Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
R2201F2LB0 ETC2-R2201F2LB0 Datasheet
99Kb / 2P
   R SERIES SNAP-IN ROCKER SWITCHES
More results

Similar Description - R2211247

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
R3201323 ZETTLER-R3201323 Datasheet
303Kb / 4P
   Miniature plug-in power relays
R3201423 ZETTLER-R3201423 Datasheet
359Kb / 4P
   Miniature plug-in power relays
RUC101225 ZETTLER-RUC101225 Datasheet
533Kb / 4P
   Plug-in power relays
RY2101226 ZETTLER-RY2101226 Datasheet
435Kb / 4P
   Plug-in power relays
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
   Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
ZETTLER Electronics
R15101223 ZETTLER-R15101223 Datasheet
505Kb / 5P
   Plug-in power relays
logo
OEN India Limited
57DP-6-1A6 OENINDIA-57DP-6-1A6 Datasheet
79Kb / 1P
   MINIATURE POWER RELAYS
logo
List of Unclassifed Man...
RXM2LB2JD ETC1-RXM2LB2JD Datasheet
487Kb / 6P
   Electromechanical Zelio Relay RXM Optimum miniature plug-in relays
logo
American Electronic Com...
DG29 AEC-DG29 Datasheet
248Kb / 2P
   Two separate relays in miniature
logo
Tyco Electronics
VF28 MACOM-VF28 Datasheet
186Kb / 5P
   Plug-In Relays Mini 280 Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com