Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

108SAK035M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 108SAK035M
Description  85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108SAK035M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  108SAK035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108SAK035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108SAK035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6.3 to 100
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
43
®
I Low Profile
I Capacitance range: 1 µF to 10,000 µF
I Voltage range: 6.3 WVDC to 400 WVDC
FEATURES
SAK
+85°C Low
Profile Radial
Lead Aluminum
Electrolytic Capacitors
For all general purpose applications
Operating Temperature Range
2 minutes
1 minute
Load Life
2,000 hours at 85°C with rated WVDC
Capacitors will meet the requirements listed below
<20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
SPECIFICATIONS
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage Current
Shelf Life
Ripple Multipliers
.03 CV or 4 µA
Whichever is greater
.01 CV or 3 µA
Whichever is greater
1,000 hours at 85°C with no voltage applied.
Units will meet load life specifications.
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Note: For above D.F. specifications, add .02 for every 1,000 µF above 1,000 µF
-25/20°C
-40/20°C
WVDC
SPECIAL ORDER OPTIONS
-40°C to +85°C
Time
≤100WVDC
≤100WVDC
1 minute
.04 CV or 100 µA
≤150WVDC
WVDC
≤47
47<C
≤470µF
470<C
≤1,000µF
10 to 150µF
60
120
300
1K
10K
0.75
0.8
0.85
0.8
1.0
1.0
1.0
1.0
1.25
1.40
1.35
1.23
1.1
1.57
1.32
1.13
2.0
+105°C
1.0
1.0
1.0
1.0
+85°C
1.3
1.3
1.3
1.4
+70°C
1.5
1.5
1.5
1.8
Frequency(Hz)
Temperature(°C)
Capacitance (µF)
1.5
1.15
1.60
6.3
.28
10
.24
16
.20
25
.28
35
.16
50
.14
63
.10
100
.08
160
.20
200
.20
250
.20
400
.25
6.3
5
12
10
4
10
16
3
8
25
2
5
35
2
4
50
2
3
63
2
3
100
2
3
160
4
15
200
4
15
250
4
15
400
4
10
WVDC
160 to 400
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo-Pack Cut, Formed, Cut and Formed, and Snap In Leads
(See pages 33 thru 37)
Impedance Ratio
(Max.) @120Hz


Similar Part No. - 108SAK035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108SAK035M ILLINOISCAPACITOR-108SAK035M Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
108SAK035M ILLINOISCAPACITOR-108SAK035M Datasheet
242Kb / 2P
   Low Profile, 2000 hours
108SAK035M ILLINOISCAPACITOR-108SAK035M Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
108SAK035M ILLINOISCAPACITOR-108SAK035M Datasheet
110Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 108SAK035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com