Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

107MTB063KJ Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 107MTB063KJ
Description  Metallized Polyester Film Capacitors for General Purpose Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

107MTB063KJ Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  107MTB063KJ Datasheet HTML 1Page - Illinois Capacitor, Inc. 107MTB063KJ Datasheet HTML 2Page - Illinois Capacitor, Inc. 107MTB063KJ Datasheet HTML 3Page - Illinois Capacitor, Inc. 107MTB063KJ Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
L
d
S ± 0.4
T
LL
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
MTB
WVDC
(VAC)
µF
Convert to inches, divide by 25.4
LxHxT (mm)
63
(40)
100
(63)
160
(90)
250
(160)
400
(200)
630
(220)
1000
(250)
L
S
d
LL
18
26.5
32
42.5
15
22.5
27.5
37.5
0.8
0.8
0.8
1.0
5.0±1.0 5.0±1.0 5.0±1.0 30±5.0
0.022
18x11x5
0.033
18x11x5
18x12x6
0.047
18x11x5
18x11x5
18x13.5x7.5
0.068
18x11x5
18x12x6
18x14.5x8.5
26.5x15x6
0.1
18x11x5
18x11x5
18x13.5x7.5
18x16x10
26.5x15x6
26.5x16x7
0.15
18x11x5
18x11x5
18x14.5x8.5
26.5x17x8.5
26.5x15x6
0.22
18x11x5
18x12x6
26.5x16x7
26.5x20x11
26.5x15x6
32x17x9
0.33
18x11x5
18x11x5
18x11x5
18x13.5x7.5
26.5x18.5x10
32x20x11
26.5x15x6
32x17x9
0.47
18x11x5
18x11x5
18x12x6
18x14.5x8.5
32x20x11
32x24.5x15
26.5x15x6
26.5x15x6
0.68
18x11x5
18x11x5
18x11x5
18x13.5x7.5
26.5x16x7
32x22x13
32x33x18
26.5x15x6
32x17x9
1
18x11x5
18x11x5
18x13.5x7.5
18x14.5x8.5
26.5x18.5x10
32x28x14
32x33x18
26.5x15x6
32x17x9
42.5x28x17
1.5
18x11x5
18x13.5x7.5
18x14.5x8.5
18x16x10
26.5x20x11
32x33x18
42.5x30x22
26.5x15x6
26.5x15x6
26.5x16x7
32x20x11
32x17x9
2.2
18x12x6
18x14.5x8.5
18x16x10
26.5x18.5x10
32x22x13
32x37x22
42.5x37x28
26.5x15x6
26.5x16x7
32x17x9
42.5x28x17
3.3
18x13.5x7.5
18x16x10
26.5x17x8.5
26.5x20x11
32x28x14
42.5x30x22
26.5x15x6
26.5x16x7
32x17x9
32x20x11
4.7
18x14.5x8.5
26.5x17x8.5
26.5x20x11
32x22x13
32x33x18
42.5x37x28
26.5x16x7
32x17x9
6.8
18x16x10
26.5x18.5x10
26.5x22x13
32x28x14
32x37x22
26.5x16x7
32x17x9
32x20x11
42.5x28x17
10
26.5x17x8.5
26.5x22x13
32x22x13
32x33x18
42.5x30x22
32x17x9
32x20x11
42.5x28x17
15
26.5x22x13
32x22x13
32x28x14
32x37x22
42.5x37x28
32x20x11
42.5x28x17
22
32x22x13
32x28x14
32x37x22
42.5x30x22
42.5x28x17
33
32x24.5x15
32x33x18
42.5x30x22
42.5x37x28
42.5x28x17
47
32x33x18
32x37x22
42.5x37x28
42.5x28x17
42.5x30x22
68
32x37x22
42.5x37x28
42.5x30x22
100
42.5x37x28
Metallized Polyester
Film Capacitors for
General Purpose
Applications
PHYSICAL DIMENSIONS


Similar Part No. - 107MTB063KJ

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107MTB063KJ ILLINOISCAPACITOR-107MTB063KJ Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
More results

Similar Description - 107MTB063KJ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MF2470AA60K KEMET-R60MF2470AA60K Datasheet
1Mb / 21P
   General Purpose Metallized Polyester Film Capacitors
logo
Illinois Capacitor, Inc...
152MWS402KG ILLINOISCAPACITOR-152MWS402KG_13 Datasheet
610Kb / 4P
   Metallized Polyester Film Capacitors for High Voltage Applications
152MWS402KG ILLINOISCAPACITOR-152MWS402KG Datasheet
380Kb / 3P
   Metallized Polyester Film Capacitors for High Voltage Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com