Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105PPS850KD21 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 105PPS850KD21
Description  Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

105PPS850KD21 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  105PPS850KD21 Datasheet HTML 1Page - Illinois Capacitor, Inc. 105PPS850KD21 Datasheet HTML 2Page - Illinois Capacitor, Inc. 105PPS850KD21 Datasheet HTML 3Page - Illinois Capacitor, Inc. 105PPS850KD21 Datasheet HTML 4Page - Illinois Capacitor, Inc. 105PPS850KD21 Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
Metallized Polypropylene
Film Capacitors for
Power Semiconductor
Circuits
PPS
Snubber Capacitor for Energy Conversion
in Power Semiconductor Circuits.
High Voltage
SMPS
Induction Heaters
High Current
High Pulse Current Applications
700
850
1000
1200
1500
2000
2500
3000
1000
1200
1400
1600
2000
2400
3000
3500
380
450
480
500
575
630
700
750
VDC
SVDC
VAC
Rated Voltage
-40˚C to +85˚C
≥30,000MΩ x µF
Not to exceed 30,000M
Capacitance change
≤2% change from initial value
≤0.001 at 1kHz and 25°C
≥50% of minimum specification
Dissipation Factor
Insulation Resistance
Freq (kHz)
C<1.5µF
1
.05%
.07%
C>1.5µF
1
Operating Temperature Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Dielectric Strength
200% of rated VDC for 10 seconds at 20°C between leads
3kV at 60 Hz for 60 seconds between leads and case.
Damp Heat Test
56 days at +40°C+/-2°C with 93%+/-2% relative humidity.
Self inductance
<1nH/mm of body length and lead wire length.
Capacitance drift
<1.0% up to 40°C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Life Expectancy
≥30,000 hours @VAC
≥100,000 hours @WVDC at 70°C
Failure rate
300/billion component hours.
Dielectric
Polypropylene
Electrodes
Vacuum deposited metal layers
Construction
Extended metallized carrier film, internal series connections.
Leads
Tinned copper wire.
Coating
Flame retardant polyester tape wrap (UL 510)
with epoxy end fills (UL 94V-0)


Similar Part No. - 105PPS850KD21

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105PPS850KD21 ILLINOISCAPACITOR-105PPS850KD21 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105PPS850KD21 ILLINOISCAPACITOR-105PPS850KD21 Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
More results

Similar Description - 105PPS850KD21

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com