Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

105PPS850K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 105PPS850K
Description  Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

105PPS850K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  105PPS850K Datasheet HTML 1Page - Illinois Capacitor, Inc. 105PPS850K Datasheet HTML 2Page - Illinois Capacitor, Inc. 105PPS850K Datasheet HTML 3Page - Illinois Capacitor, Inc. 105PPS850K Datasheet HTML 4Page - Illinois Capacitor, Inc. 105PPS850K Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PPS
Metallized Polypropylene
FIlm Capacitor for
Power Semiconductor
Circuits
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
DxL (mm)
700
850
1000
1200
1500
2000
2500
3000
(380)
(450)
(480)
(500)
(575)
(630)
(700)
(750)
VDC
(VAC)
µF
0.0068
12x29
0.01
11.5x29
11.5x34
14x29
0.015
13x29
14x34
16x29
0.022
12x29
15x29
15.5x34
0.033
11.5x29
13.5x34
18x34
13.5x29
0.047
11x29
13x29
13x34
15.5x34
21x34
15.5x29
0.068
11.5x29
12.5x29
12.5x34
15x34
18x34
20x46
14.5x29
17.5x29
25x34
0.1
11.5x29
13x29
12.5x34
14.5x34
17.5x34
17.5x46
23.5x46
14.5x29
17.5x29
22x34
0.15
11.5x29
12x34
13x34
14.5x34
17.5x34
17.5x46
21.5x46
28.5x46
13x29
15x29
17x29
21.5x34
26x34
0.22
13x29
13 .5x34
15x34
17x34
17x46
21x46
25x46
27.5x59
15x29
17x29
20.5x34
25.5x34
29x55
34x46
0.33
13x34
16x34
17.5x34
17x46
20.5x46
25x46
25x59
32.5x59
15x29
17.5x29
20.5x34
24.5x34
26x55
34x55
30x46
0.47
15x34
18.5x34
17.5x46
20x46
24x46
29x46
29.5x59
39x59
17.5x29
21x34
23.5x34
30.5x55
41x55
35.5x46
0.56
42x59
0.68
17.5x34
18x46
20.5x46
23x46
28x46
28.5x59
36.5x55
21.5x34
24.5x34
30x55
35x59
34.5x46
0.82
38.5x59
40x55
1
17.5x46
21.5x46
24.5x46
27.5x46
28x59
33.5x59
42x59
21x34
26x34
29x55
35.5x55
33.5x46
1.2
31.5x59
30x59
1.3
38x59
40.5x55
1.5
21x46
25.5x46
24.5x59
27x59
33.5x59
40.5x59
25x34
25.5x55
29x55
35.5x55
29.5x46
33.5x46
2
24x46
29x46
27.5x59
31x59
38x59
29x55
33x55
40.5x55
33x46
2.2
25x46
25x59
28.5x59
32.5x59
40x59
26.5x55
30.5x55
34.5x55
41.5x55
30x46


Similar Part No. - 105PPS850K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105PPS850K ILLINOISCAPACITOR-105PPS850K Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105PPS850K ILLINOISCAPACITOR-105PPS850K Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
105PPS850KD21 ILLINOISCAPACITOR-105PPS850KD21 Datasheet
491Kb / 3P
   Axial leaded metallized polypropylene film capacitors for power semiconductors
105PPS850KD21 ILLINOISCAPACITOR-105PPS850KD21 Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
More results

Similar Description - 105PPS850K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K Datasheet
391Kb / 4P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com