Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

108SAK6R3M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 108SAK6R3M
Description  85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

108SAK6R3M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  108SAK6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 108SAK6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc. 108SAK6R3M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
44
®
D
5.0
6.3
8.0
10.0
12.5
16.0
18.0
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
Note: Case Vent is standard on all diameters
≥ 8.0 mm.
-
+
PVC SLEEVE
d
S1
D1
L1
L
L
19.0 MIN
15.0 MIN
LEAD INFORMATION V.S. CASE DIAMETER
L1=L+1.0mm Max. D
≤8mm
L1=L+1.5mm Max. D
≥10mm
D1=D+B Max.
S1=S±0.5 Max.
SAK
+ 85°C Low Profile
Lead Aluminum
Electrolytic Capacitors
PHYSICAL DIMENSIONS
5x9
5x9
5x9
5x9
5x9
5x9
5x9
5x9
5x9
6.3x9
16x15
5x9
6.3x9
8x9
16x15
18x15
5x9
6.3x9
6.3x9
10x9
16x15
18x15
18x20
5x9
6.3x9
8x9
10x12.5
16x15
18x15
18x20
18x25
18x15
18x20
5x9
6.3x9
8x9
10x9
10x12.5
12.5x15
18x20
18x25
18x25
6.3x9
8x9
10x9
12.5x12.5
16x15
6.3x9
8x9
10x9
10x12.5
12.5x12.5
12.5x15
18x20
8x9
10x9
10x12.5
12.5x12.5
16x15
18x15
18x25
10x9
10x12.5
12.5x12.5
12.5x15
16x15
18x20
18x25
12.5x15
16x15
18x15
18x20
18x25
16x15
18x15
18x20
16x15
18x15
18x20
18x25
18x15
18x20
18x25
18x20
18x25
6.3
10
16
25
35
50
63
100
160
200
250
400
(8)
(13)
(20)
(32)
(44)
(63)
(79)
(125)
(200)
(250)
(300)
(450)
WVDC
(SV)
(µF)
Convert to inches, divide by 25.4
DxL(mm)
1
2.2
3.3
4.7
10
22
33
47
68
100
150
220
330
470
1000
2200
3300
4700
6800
10000


Similar Part No. - 108SAK6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
242Kb / 2P
   Low Profile, 2000 hours
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
108SAK6R3M ILLINOISCAPACITOR-108SAK6R3M Datasheet
110Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 108SAK6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
105RSS050M ILLINOISCAPACITOR-105RSS050M_13 Datasheet
514Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M_13 Datasheet
656Kb / 3P
   105C Low Profile Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M_13 Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104FXM050M ILLINOISCAPACITOR-104FXM050M Datasheet
122Kb / 4P
   105째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com