Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5202TR Datasheet(PDF) 4 Page - ETAL Group

Part # P5202TR
Description  Digital Isolation Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P5202TR Datasheet(HTML) 4 Page - ETAL Group

  P5202TR Datasheet HTML 1Page - ETAL Group P5202TR Datasheet HTML 2Page - ETAL Group P5202TR Datasheet HTML 3Page - ETAL Group P5202TR Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P520X
ETALDOC 799/4
Page 4 of 4
July 2005
ORDERING CODE
P520
ÿTR
TR = Tape and Reel
(Blank) = Bulk in tubes.
Turns ratio variant:
0 = 1.67:1
1 = 1.5:1
2 = 2.4:1
3 = 2.6:1
4 = 2:1
5= 1:1
Carrier tape width 16mm,
2500 parts per 13” reel.
T R A N S F O R M I N G
T H E
F U T U R E
Profec Technologies Ltd., 10 Betts Avenue, Martlesham Heath, Ipswich, IP5 3RH, England
Telephone: +44 (0) 1473 611422
Fax: +44 (0) 1473 611919
Website: www.profec.com
Email: info@profec.co.uk sales@profec.com
FM 25326
ISO 9001
E203175


Similar Part No. - P5202TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P5202A ETC2-P5202A Datasheet
338Kb / 6P
   High-voltage Differential Probes
More results

Similar Description - P5202TR

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
   ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
   ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
   ISOLATION TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
   Isolation Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
   Isolation Transformer
logo
XFMRS Inc.
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
   Isolation Transformer
XFADSL37S XFMRS-XFADSL37S Datasheet
79Kb / 1P
   Isolation Transformer
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
   Isolation Transformer
logo
PCA ELECTRONICS INC.
EPA3948G PCA-EPA3948G Datasheet
42Kb / 1P
   Isolation Transformer
EPA3948GM PCA-EPA3948GM Datasheet
21Kb / 1P
   Isolation Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com