Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

356PHB330K2R Datasheet(PDF) 6 Page - Illinois Capacitor, Inc.

Part # 356PHB330K2R
Description  Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

356PHB330K2R Datasheet(HTML) 6 Page - Illinois Capacitor, Inc.

  356PHB330K2R Datasheet HTML 1Page - Illinois Capacitor, Inc. 356PHB330K2R Datasheet HTML 2Page - Illinois Capacitor, Inc. 356PHB330K2R Datasheet HTML 3Page - Illinois Capacitor, Inc. 356PHB330K2R Datasheet HTML 4Page - Illinois Capacitor, Inc. 356PHB330K2R Datasheet HTML 5Page - Illinois Capacitor, Inc. 356PHB330K2R Datasheet HTML 6Page - Illinois Capacitor, Inc. 356PHB330K2R Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PHB
+85°C Metallized
Polypropylene Capacitor
STANDARD PART LISTING
0.68
850
684PHB850K4H
300
16.5
3.1
32x33x18
1
700
105PHB700K4H
105
15
3.8
32x33x18
1
850
105PHB850K4H
300
20.5
2.4
32x37x22
1.5
700
155PHB700K4H
105
18
3.2
32x37x22
2
600
205PHB600K4H
75
16.5
3.2
32x33x18
2
700
205PHB700K4H
105
19.5
2.7
32x37x22
2
850
205PHB850K4J
200
21
2.3
42.5x37x28
2.2
600
225PHB600K4H
75
16.5
3.2
32x33x18
2.2
700
225PHB700K4J
70
18.5
3.8
42.5x37x28
2.2
850
225PHB850K4J
200
22
2.2
42.5x37x28
2.5
850
255PHB850K4J
200
22
2
42.5x37x28
3
400
305PHB400K4H
55
17.5
2.8
32x33x18
3
600
305PHB600K4H
75
20.5
2.5
32x37x22
3
700
305PHB700K4J
70
20
3.1
42.5x37x28
3
850
305PHB850K4J
200
22
1.8
42.5x45x30
3.3
400
335PHB400K4H
55
17.5
2.8
32x33x18
3.3
600
335PHB600K4H
75
20.5
2.5
32x37x22
3.3
700
335PHB700K4J
70
20.5
3
42.5x37x28
3.3
850
335PHB850K4J
200
22
1.7
42.5x45x30
4
400
405PHB400K4H
55
18.5
2.5
32x33x18
4
600
405PHB600K4J
55
21.5
2.8
42.5x37x28
4
700
405PHB700K4J
70
22
2.6
42.5x45x30
4
850
405PHB850K4R
110
22
2.5
57.5x45x30
4.7
250
475PHB250K4H
40
14
2.7
32x28x14
4.7
330
475PHB330K4H
45
16
2.6
32x33x18
4.7
400
475PHB400K4H
55
21
2.3
32x37x22
4.7
600
475PHB600K4J
55
22
2.5
42.5x37x28
4.7
700
475PHB700K4J
70
22
2.4
42.5x45x30
4.7
850
475PHB850K4R
110
22
2.1
57.5x45x30
5
250
505PHB250K4H
40
14
2.6
32x28x14
5
330
505PHB330K4H
45
16.5
2.4
32x33x18
5
400
505PHB400K4H
55
21.5
2.2
32x37x22
5
600
505PHB600K4J
55
22
2.5
42.5x37x28
5
700
505PHB700K4J
70
22
2.3
42.5x45x30
4 Lead Construction
PART
NUMBER
WVDC
Capacitance
(µF)
L x H x T
(mm)
dv/dt
(V/µs)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
5.6
850
565PHB850K4R
110
22
1.9
57.5x50x35
6
700
605PHB700K4R
40
20
4.2
57.5x45x30
6
850
605PHB850K4R
110
22
1.8
57.5x50x35
6.8
250
685PHB250K4H
40
18
2.3
32x33x18
6.8
330
685PHB330K4H
45
20
2.1
32x37x22
6.8
400
685PHB400K4J
40
22
2.4
42.5x37x28
6.8
600
685PHB600K4J
55
22
2.2
42.5x45x30
6.8
700
685PHB700K4R
40
21.5
3.9
57.5x45x30
8
700
805PHB700K4R
40
22
3.6
57.5x50x35
9
600
905PHB600K4J
55
22
2
42.5x45x30
9
700
905PHB700K4R
40
22
3.3
57.5x50x35
10
250
106PHB250K4H
40
20
1.8
32x33x18
10
400
106PHB400K4J
40
22
2
42.5x37x28
10
600
106PHB600K4R
30
22
3.8
57.5x45x30
15
330
156PHB330K4J
30
22
2
42.5x37x28
15
400
156PHB400K4J
40
22
1.7
42.5x45x30
15
600
156PHB600K4R
30
22
3.1
57.5x50x35
20
250
206PHB250K4J
25
22
1.9
42.5x37x28
20
330
206PHB330K4J
30
22
1.8
42.5x45x30
20
400
206PHB400K4R
20
22
2.9
57.5x45x30
22
250
226PHB250K4J
25
22
1.9
42.5x37x28
22
400
226PHB400K4R
20
22
2.8
57.5x50x35
25
250
256PHB250K4J
25
22
1.8
42.5x37x28
25
330
256PHB330K4R
17
22
3.2
57.5x45x30
25
400
256PHB400K4R
20
22
2.6
57.5x50x35
30
250
306PHB250K4J
25
22
1.7
42.5x45x30
30
330
306PHB330K4R
17
22
2.9
57.5x45x30
33
250
336PHB250K4J
25
22
1.7
42.5x45x30
33
330
336PHB330K4R
17
22
2.7
57.5x50x35
35
330
356PHB330K4R
17
22
2.6
57.5x50x35
40
250
406PHB250K4R
15
22
2.4
57.5x45x30
40
330
406PHB330K4R
17
22
2.4
57.5x50x35
50
250
506PHB250K4R
15
22
2.1
57.5x50x35
60
250
606PHB250K4R
15
22
1.9
57.5x50x35
PART
NUMBER
WVDC
Capacitance
(µF)
L x H x T
(mm)
dv/dt
(V/µs)
Typical
ESR m
100kHz,
+25°C
Maximum RMS
Ripple Current
(A)
100kHz,+70°C
201


Similar Part No. - 356PHB330K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
356PHB330K2R ILLINOISCAPACITOR-356PHB330K2R Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 356PHB330K2R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com