Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1521P2N59 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FWLF1521P2N59
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1521P2N59 Datasheet(HTML) 1 Page - Finisar Corporation.

  FWLF1521P2N59 Datasheet HTML 1Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 2Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 3Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 4Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 5Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 6Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 7Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 8Page - Finisar Corporation. FWLF1521P2N59 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Finisar Corporation Jan 2008 Rev.A Preliminary and Confidential
Page 1
Preliminary Product Specification
Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2Nxx
PRODUCT FEATURES
Up to 2.67 Gb/s bi-directional
data links
Hot-pluggable SFP footprint
Built-in digital diagnostic
functions
Uncooled DFB laser transmitter in
8 possible CWDM wavelengths
Duplex LC connector
Very low jitter
Metal enclosure, for lower EMI
Single 3.3V power supply
Low power dissipation
Operating temperature range:
-10°C to 85°C
APPLICATIONS
Metro Access Rings and Point-to-
Point networking for SONET, Gigabit
Ethernet and Fibre Channel
High temperature environments
Finisar’s FWLF1521P2Nxx CWDM Small Form Factor Pluggable (SFP) transceivers are
designed for operation in Metro Access Rings and Point-to-Point networks using
SONET
1,Gigabit Ethernet2 and Fibre Channel3 networking equipment. They are available
in eight different CWDM wavelengths and comply with ITU CWDM standard
4. Digital
diagnostics functions can be accessed via an I
2C serial bus. In addition, the transceivers
comply with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)
5 are
RoHS and lead free compliant per Directive 2002/95/EC
6 and Finisar Application Note
AN-2038
7.
PRODUCT SELECTION
Wavelength
xx
Clasp Color
Code
Wavelength
xx
Clasp Color
Code
1471 nm
47
Gray
1551 nm
55
Yellow
1491 nm
49
Violet
1571 nm
57
Orange
1511 nm
51
Blue
1591 nm
59
Red
1531 nm
53
Green
1611 nm
61
Brown


Similar Part No. - FWLF1521P2N59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF1521P2NXX FRONTIER-FWLF1521P2NXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1521P2NXX FINISAR-FWLF1521P2NXX Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF1521P2N59

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com