Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1521P2N53 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWLF1521P2N53
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1521P2N53 Datasheet(HTML) 2 Page - Finisar Corporation.

  FWLF1521P2N53 Datasheet HTML 1Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 2Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 3Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 4Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 5Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 6Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 7Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 8Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FWLF1521P2Nxx SFP Product Specification – Jan 2008
F i n i s a r
© Finisar Corporation Jan 2008 Rev.A Preliminary and Confidential
Page 2
I.
Pin Descriptions
Pin
Symbol
Name/Description
Ref.
1
VEET
Transmitter Ground (Common with Receiver Ground)
1
2
TFAULT
Transmitter Fault. Not supported.
3
TDIS
Transmitter Disable. Laser output disabled on high or open.
2
4
MOD_DEF(2)
Module Definition 2. Data line for Serial ID.
3
5
MOD_DEF(1)
Module Definition 1. Clock line for Serial ID.
3
6
MOD_DEF(0)
Module Definition 0. Grounded within the module.
3
7
Rate Select
No connection required
4
8
LOS
Loss of Signal indication. Logic 0 indicates normal operation.
5
9
VEER
Receiver Ground (Common with Transmitter Ground)
1
10
VEER
Receiver Ground (Common with Transmitter Ground)
1
11
VEER
Receiver Ground (Common with Transmitter Ground)
1
12
RD-
Receiver Inverted DATA out. AC Coupled
13
RD+
Receiver Non-inverted DATA out. AC Coupled
14
VEER
Receiver Ground (Common with Transmitter Ground)
1
15
VCCR
Receiver Power Supply
16
VCCT
Transmitter Power Supply
17
VEET
Transmitter Ground (Common with Receiver Ground)
1
18
TD+
Transmitter Non-Inverted DATA in. 100 ohm termination between TD+
and TD-, AC Coupled thereafter.
19
TD-
Transmitter Inverted DATA in. See TD+
20
VEET
Transmitter Ground (Common with Receiver Ground)
1
Notes:
1.
Circuit ground is internally isolated from chassis ground.
2.
Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V.
3.
Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and 5.5V.
MOD_DEF(0) pulls line low to indicate module is plugged in.
4.
Finisar 2x receiver achieves simultaneous 1x and 2x operation without active control.
5.
LOS is open collector output. Should be pulled up with 4.7k – 10kohms on host board to a voltage
between 2.0V and 5.5V. Logic 0 indicates normal operation; logic 1 indicates loss of signal.
VeeT
VeeT
VeeR
VeeR
TD-
TD+
RD+
RD-
VccT
VccR
VeeT
VeeR
TXFault
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
Rate Select
LOS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Towards
ASIC
Towards
Bezel
TX Disable
VeeR
Diagram of Host Board Connector Block Pin Numbers and Names


Similar Part No. - FWLF1521P2N53

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF1521P2NXX FRONTIER-FWLF1521P2NXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1521P2NXX FINISAR-FWLF1521P2NXX Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF1521P2N53

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com