Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF1521P2N53 Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FWLF1521P2N53
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1521P2N53 Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FWLF1521P2N53 Datasheet HTML 3Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 4Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 5Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 6Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 7Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 8Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 9Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 10Page - Finisar Corporation. FWLF1521P2N53 Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
FWLF1521P2Nxx SFP Product Specification – Jan 2008
F i n i s a r
© Finisar Corporation Jan 2008 Rev.A Preliminary and Confidential
Page 11
XII.
References
1. “SONET Transport Systems: Common Generic Criteria”, Telcordia Technologies,
GR-253-CORE, Issue 3, Sept 2000.
2. IEEE Std 802.3. IEEE Standards Department, 2000.
(*)
3. “Fibre Channel Draft Physical Interface Specification (FC-PI 10.0)”. American
National Standard for Information Systems.
(*)
4. “Optical Interfaces for Course Wavelength Division Multiplexing Applications”,
ITU-T recommendation G.695, January 2005.
5. Small Form Factor Pluggable (SFP) Transceiver Multi-Source Agreement (MSA),
September 2000. Documentation is currently available at Finisar upon request.
6. Directive 2002/95/EC of the European Council Parliament and of the Council, “on
the restriction of the use of certain hazardous substances in electrical and electronic
equipment”. January 27, 2003.
7. “Application Note AN-2038: Finisar Implementation Of RoHS Compliant
Transceivers”, Finisar Corporation, January 21, 2005.
8. “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM”, Atmel Corporation.
www.Atmel.com
9. “Application Note AN-2030: Digital Diagnostic Monitoring Interface for Optical
Transceivers”, Finisar Corporation, April 2002.
10. “Digital Diagnostic Monitoring Interface For Optical Transceivers Rev 9.3”. SFF
Document No. SFF-8472.
(*) Neither IEEE 802.3 nor FC-PI 10.0 specifies a 1621 nm DFB single mode interface.
The FWLF1521P2Nxx complies with these specifications except for the following
optical parameters, which have different values: transmitter wavelength, extinction ratio,
receiver sensitivity, and transmit output power. See Section V for details.
For More Information
Finisar Corporation
1308 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FWLF1521P2N53

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF1521P2NXX FRONTIER-FWLF1521P2NXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1521P2NXX FINISAR-FWLF1521P2NXX Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF1521P2N53

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com