Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226TTA035M Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 226TTA035M
Description  85째C Standard Axial Lead Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226TTA035M Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  226TTA035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226TTA035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 226TTA035M Datasheet HTML 3Page - Illinois Capacitor, Inc. 226TTA035M Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
100
®
TTA
STANDARD PART LISTING
+ 85°C Standard Axial
Lead Aluminum
Electrolytic Capacitors
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
8x16
8x16
8x20
10x20
10x25
12.5x25
22x40
22x40
8x16
8x20
10x25
12.5x25
12.5x30
8x16
8x20
10x20
10x25
12.5x25
12.5x30
16x30
10x20
10x25
12.5x25
12.5x25
16x30
16x30
16x40
18x40
12.5x25
16x30
16x40
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
12.5x25
12.5x30
16x30
16x30
16x40
18x40
22x50
25x50
12.5x30
16x30
16x30
16x40
22x40
22x50
16x30
16x31.5
16x40
22x40
22x50
25x50
16x40
18x40
22x50
18x40
18x40
22x50
25x50
22x50
22x50
22x50
2,200
10
228TTA010M
0.181
1120
2,200
16
228TTA016M
0.158
1280
2,200
25
228TTA025M
0.143
1480
2,200
35
228TTA035M
0.121
1580
2,200
50
228TTA050M
0.106
1920
2,200
63
228TTA063M
0.098
2158
2,200
80
228TTA080M
0.106
2260
2,200
100
228TTA100M
0.181
2590
3,300
10
338TTA010M
0.131
1435
3,300
16
338TTA016M
0.116
1610
3,300
25
338TTA025M
0.106
1910
3,300
35
338TTA035M
0.09
2050
3,300
50
338TTA050M
0.08
2350
3,300
63
338TTA063M
0.08
2450
4,700
10
478TTA010M
0.099
1730
4,700
16
478TTA016M
0.088
2060
4,700
25
478TTA025M
0.081
2170
4,700
35
478TTA035M
0.064
2470
4,700
50
478TTA050M
0.064
2645
4,700
63
478TTA063M
0.064
3090
6,800
16
688TTA016M
0.071
2300
6,800
25
688TTA025M
0.066
2560
6,800
35
688TTA035M
0.059
2720
10,000
10
109TTA010M
0.033
2340
10,000
16
109TTA016M
0.058
2680
10,000
25
109TTA025M
0.063
2900
10,000
35
109TTA035M
0.05
3500
15,000
16
159TTA016M
0.05
2890
15,000
25
159TTA025M
0.048
3700
22,000
16
229TTA016M
0.045
3600
220
16
227TTA016M
1.281
260
220
25
227TTA025M
1.13
290
220
35
227TTA035M
0.904
345
220
50
227TTA050M
0.754
440
220
63
227TTA063M
0.754
490
220
100
227TTA100M
1.005
560
220
160
227TTA160M
1.507
660
220
250
227TTA250M
1.507
680
330
16
337TTA016M
0.854
320
330
25
337TTA025M
0.754
385
330
50
337TTA050M
0.502
565
330
63
337TTA063M
0.502
660
330
100
337TTA100M
1.005
770
470
10
477TTA010M
0.706
370
470
16
477TTA016M
0.5997
450
470
25
477TTA025M
0.529
560
470
35
477TTA035M
0.423
640
470
50
477TTA050M
0.353
740
470
63
477TTA063M
0.353
845
470
100
477TTA100M
0.706
970
1,000
10
108TTA010M
0.332
665
1,000
16
108TTA016M
0.282
785
1,000
25
108TTA025M
0.249
935
1,000
35
108TTA035M
0.199
1050
1,000
50
108TTA050M
0.166
1255
1,000
63
108TTA063M
0.166
1330
1,000
80
108TTA080M
0.149
1500
1,000
100
108TTA100M
0.332
1650
1,500
25
158TTA025M
0.188
1150
1,500
35
158TTA035M
0.155
1280
1,500
50
158TTA050M
0.133
1480


Similar Part No. - 226TTA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226TTA035M ILLINOISCAPACITOR-226TTA035M Datasheet
352Kb / 3P
   85C General Purpose Axial Lead Aluminum Electrolytic Capacitors
226TTA035M ILLINOISCAPACITOR-226TTA035M Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
226TTA035M ILLINOISCAPACITOR-226TTA035M Datasheet
291Kb / 3P
   Axial lead - High voltage
226TTA035M ILLINOISCAPACITOR-226TTA035M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
226TTA035M ILLINOISCAPACITOR-226TTA035M Datasheet
318Kb / 3P
   Filtering ??Bypass ??Coupling ??Blocking
More results

Similar Description - 226TTA035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104TLS050M ILLINOISCAPACITOR-104TLS050M Datasheet
89Kb / 3P
   85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474TMA100M ILLINOISCAPACITOR-474TMA100M Datasheet
104Kb / 4P
   105째C Standard Axial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
030031AS VISHAY-030031AS_V01 Datasheet
185Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard
01-Jan-2023
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
021ASM VISHAY-021ASM_16 Datasheet
216Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard Miniature
Revision: 16-Sep-16
logo
Illinois Capacitor, Inc...
105HST050M ILLINOISCAPACITOR-105HST050M Datasheet
397Kb / 3P
   125째C Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
041ASH VISHAY-041ASH_V01 Datasheet
222Kb / 9P
   Aluminum Electrolytic Capacitors Axial Standard, High Voltage
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com