Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476TXK200M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 476TXK200M
Description  105째C Long Life Radial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476TXK200M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  476TXK200M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476TXK200M Datasheet HTML 2Page - Illinois Capacitor, Inc. 476TXK200M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
86
®
Dimensions
DxL
(mm)
TXK
STANDARD PART LISTING
+105°C Long Life
Radial Aluminum
Electrolytic Capacitors
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Capacitance
(µF)
WVDC
3.3
450
335TXK450M
120.572
4.47
130
10X21
4.7
450
475TXK450M
84.657
3.77
170
13X21
10
250
106TXK250M
24.868
3.18
200
10X21
10
350
106TXK350M
39.789
2.94
180
10X21
10
400
106TXK400M
39.789
2.94
180
10X21
10
450
106TXK450M
39.789
2.95
280
13X26
22
160
226TXK160M
11.304
1.47
300
10X21
22
200
226TXK200M
11.304
1.47
300
10X21
22
250
226TXK250M
11.304
1.74
340
13X21
22
350
226TXK350M
18.086
1.6
310
13X21
22
400
226TXK400M
18.086
1.6
310
13X26
22
450
226TXK450M
18.086
1.61
510
16X25
33
160
336TXK160M
7.536
1.15
360
10X21
33
200
336TXK200M
7.536
1.15
420
13X21
33
250
336TXK250M
7.536
1.35
460
13X26
33
350
336TXK350M
12.057
1.25
420
13X26
33
400
336TXK400M
12.057
1.25
420
13X26
33
450
336TXK450M
12.057
1.25
620
16X32
47
160
476TXK160M
5.291
.92
500
13X21
47
200
476TXK200M
5.291
.92
500
13X21
47
250
476TXK250M
5.291
1.08
550
13X26
47
350
476TXK350M
8.466
1
560
16X25
47
400
476TXK400M
8.466
1
560
16X25
47
450
476TXK450M
8.466
1.01
790
18X32
68
160
686TXK160M
3.657
.71
660
13X26
68
200
686TXK200M
3.657
.71
660
13X26
68
250
686TXK250M
3.657
.84
730
16X25
68
350
686TXK350M
5.851
.78
750
16X32
68
400
686TXK400M
5.851
.78
750
16X32
68
450
686TXK450M
5.851
.78
990
18X35
100
160
107TXK160M
2.487
.59
890
16X25
100
200
107TXK200M
2.487
.59
890
16X25
100
250
107TXK250M
2.487
.7
990
16X32
100
350
107TXK350M
3.979
.65
1010
18X35
100
400
107TXK400M
3.979
.65
1010
18X35
150
160
157TXK160M
1.658
.41
1210
16X32
150
200
157TXK200M
1.658
.41
1210
16X32
150
250
157TXK250M
1.658
.49
1300
18X32
220
160
227TXK160M
1.130
.31
1470
16X32
220
200
227TXK200M
1.130
.31
1630
18X35
220
250
227TXK250M
1.130
.36
1730
18X40
330
160
337TXK160M
0.754
.25
2000
18X35
Impedance
20°C
100kHz
Impedance
20°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Maximum RMS
Ripple Current
(mA) +105°C
100kHz
Dimensions
DxL
(mm)


Similar Part No. - 476TXK200M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476TXK200M ILLINOISCAPACITOR-476TXK200M Datasheet
205Kb / 2P
   5000 hour Radial Lead Aluminum Electrolytic Capacitors
476TXK200M ILLINOISCAPACITOR-476TXK200M Datasheet
227Kb / 2P
   High Voltage Low Impedance Long Life, 5000 hours
476TXK200M ILLINOISCAPACITOR-476TXK200M Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
476TXK200M ILLINOISCAPACITOR-476TXK200M Datasheet
127Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 476TXK200M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
116RLL VISHAY-116RLL_V01 Datasheet
94Kb / 6P
   Aluminum Electrolytic Capacitors Radial Long Life
01-Jan-2023
logo
Illinois Capacitor, Inc...
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
048RML VISHAY-048RML_17 Datasheet
120Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
Revision: 28-Feb-17
048RML VISHAY-048RML_V01 Datasheet
100Kb / 8P
   Aluminum Electrolytic Capacitors Radial Miniature Long Life
01-Jan-2023
116RLL VISHAY-116RLL_08 Datasheet
104Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 14-Oct-08
logo
Illinois Capacitor, Inc...
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
   105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
474KXM100M ILLINOISCAPACITOR-474KXM100M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
116RLL VISHAY-116RLL_13 Datasheet
107Kb / 6P
   Aluminum Capacitors Radial Long Life
Revision: 26-Apr-13
logo
Illinois Capacitor, Inc...
474RZM050M ILLINOISCAPACITOR-474RZM050M Datasheet
126Kb / 4P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
226RZS050M ILLINOISCAPACITOR-226RZS050M Datasheet
112Kb / 3P
   105째C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com