Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476TLS025M Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 476TLS025M
Description  85째C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

476TLS025M Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  476TLS025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 476TLS025M Datasheet HTML 2Page - Illinois Capacitor, Inc. 476TLS025M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
110
®
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
PART
NUMBER
WVDC
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
TLS
+ 85°C Low Leakage
Axial Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Dimension
D x L
(mm)
Capacitance
(µF)
.10
50
104TLS050M
1657.9
4
.15
50
154TLS050M
1105.2
5
.22
50
224TLS050M
753.57
6
.33
50
334TLS050M
502.38
7
.47
50
474TLS050M
352.94
10
.68
50
684TLS050M
243.8
14
1.0
50
105TLS050M
165.79
17
1.5
50
155TLS050M
110.52
22
2.2
50
225TLS050M
75.36
26
3.3
50
335TLS050M
50.24
31
4.7
50
475TLS050M
35.27
37
6.8
50
685TLS050M
24.38
45
10
35
106TLS035M
19.89
50
10
50
106TLS050M
16.58
60
15
25
156TLS025M
15.47
55
15
50
156TLS050M
11.05
73
22
16
226TLS016M
12.06
62
22
35
226TLS035M
9.04
80
22
50
226TLS050M
7.54
98
33
10
336TLS010M
10.05
68
33
25
336TLS025M
7.03
90
33
35
336TLS035M
6.03
110
33
50
336TLS050M
5.02
145
47
16
476TLS016M
5.64
100
47
25
476TLS025M
4.94
120
47
50
476TLS050M
3.53
165
68
10
686TLS010M
4.88
110
68
16
686TLS016M
3.9
135
68
35
686TLS035M
2.93
180
100
10
107TLS010M
3.32
148
100
16
107TLS016M
2.65
190
100
25
107TLS025M
2.32
200
100
35
107TLS035M
1.99
250
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
5x12.5
6.3x12.5
5x12.5
6.3x12.5
5x12.5
6.3x12.5
6.3x16
5x12.5
6.3x12.5
6.3x16
8x16
6.3x12.5
6.3x16
8x16
6.3x12.5
6.3x16
8x16
6.3x16
8x16
8x16
8x20


Similar Part No. - 476TLS025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476TLS025M ILLINOISCAPACITOR-476TLS025M Datasheet
160Kb / 2P
   Low Leakage current 2000 hours
More results

Similar Description - 476TLS025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
105TLS050M ILLINOISCAPACITOR-105TLS050M_13 Datasheet
187Kb / 2P
   85C Low Leakage Axial Lead Aluminum Electrolytic Capacitors
474TTA100M ILLINOISCAPACITOR-474TTA100M Datasheet
104Kb / 4P
   85째C Standard Axial Lead Aluminum Electrolytic Capacitors
104LCA050M ILLINOISCAPACITOR-104LCA050M Datasheet
412Kb / 2P
    85째C Low Leakage Current Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
TL331M1HBK130270 RFE-TL331M1HBK130270 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TL & TLA Series: Axial Low Leakage
logo
Illinois Capacitor, Inc...
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com