Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM1964A Datasheet(PDF) 6 Page - ZETTLER Electronics

Part # AGM1964A
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AGM1964A Datasheet(HTML) 6 Page - ZETTLER Electronics

Back Button AGM1964A Datasheet HTML 2Page - ZETTLER Electronics AGM1964A Datasheet HTML 3Page - ZETTLER Electronics AGM1964A Datasheet HTML 4Page - ZETTLER Electronics AGM1964A Datasheet HTML 5Page - ZETTLER Electronics AGM1964A Datasheet HTML 6Page - ZETTLER Electronics AGM1964A Datasheet HTML 7Page - ZETTLER Electronics AGM1964A Datasheet HTML 8Page - ZETTLER Electronics AGM1964A Datasheet HTML 9Page - ZETTLER Electronics AGM1964A Datasheet HTML 10Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AGM1964A
SERIES
GRAPHIC MODULE
VER1.0
DISPLAYTRONIC
XIAMEN ZETTLER ELECTRONICS CO., LTD.
5
5.0 OPTICAL CHARACTERISTICS
Cr (Contrast Ratio)
θ (Viewing Angle)
φ (Viewing Angle)
25ºC
25ºC
25ºC
Item
Mode
MIN.
TYP.
MIN
TYP.
MIN
TYP.
A
B
7.10
7.70
80
°
85
°
-
35
°
R
C
-
-
-
-
-
-
A
B
7.05
7.55
80
°
85
°
-
35
°
S
C
-
-
-
-
-
-
Note:
R: Reflective
S: Transflective
A: STN Gray
B: STN Yellow
C: FSTN
At:
φ =0°, θ =0°
Item
Symbol
Condition
Min
Typ
Max
Unit
Response time (rise)
Tr
25 ºC
-
120
250
ms
Response time (fall)
Tf
25ºC
-
130
250
ms
6.0
BLOCK DIAGRAM
LCD PANEL 192X64


Similar Part No. - AGM1964A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AGM1964D ZETTLER-AGM1964D Datasheet
1Mb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1964A

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com