Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGM1612B Datasheet(PDF) 5 Page - ZETTLER Electronics

Part # AGM1612B
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AGM1612B Datasheet(HTML) 5 Page - ZETTLER Electronics

  AGM1612B Datasheet HTML 1Page - ZETTLER Electronics AGM1612B Datasheet HTML 2Page - ZETTLER Electronics AGM1612B Datasheet HTML 3Page - ZETTLER Electronics AGM1612B Datasheet HTML 4Page - ZETTLER Electronics AGM1612B Datasheet HTML 5Page - ZETTLER Electronics AGM1612B Datasheet HTML 6Page - ZETTLER Electronics AGM1612B Datasheet HTML 7Page - ZETTLER Electronics AGM1612B Datasheet HTML 8Page - ZETTLER Electronics AGM1612B Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AGM1612B-FLW-FBW GRAPHIC MODULE VER2.0
DISPLAYTRONIC XIAMEN ZETTLER ELECTRONICS CO., LTD.
4
2.0
MECHANICAL SPECS
1.
Overall Module Size
129.0mm(W) x 102.0mm(H) x max 16.5mm(D) for LED
backlight version
2.
Dot Size
0.54mm(W) x 0.54mm(H)
3.
Dot Pitch
0.58mm(W) x 0.58mm(H)
4.
Duty
1/128
5.
Controller IC
T6963C
6.
LC Fluid Options
FSTN
7.
Polarizer Options
TRANSFLECTIVE
8.
Backlight Options
WHITE SIDE LED
9.
Temperature Range Options
Wide (-20ºC ~ 60ºC)
3.0 ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min
Typ
Max
Unit
Operating temperature (Wide temperature)
Top
-20
-
60
ºC
Storage temperature (Wide temperature)
Tst
-30
-
70
ºC
Input voltage
Vin
-0.3
-
Vdd+0.3
V
Supply voltage for logic
Vdd- Vss
-0.3
-
7.0
V
Supply voltage for LCD drive
Vdd- VLCD
6
-
28
V
4.0 ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min
Typ
Max
Unit
Input voltage (high)
Vih
H level
Vdd-2.2
-
Vdd
V
Input voltage (low)
Vil
L level
0
-
0.8
V
-20ºC
-
-
-
0ºC
-
-
-
25ºC
-
19.1
-
Recommended LC Driving
Voltage
Vdd -VLCD
70ºC
-
-
-
V
Power Supply Current
Idd
Vdd=5.0V
-
24.5
35.0
mA
LED Power Supply Voltage
Vop=(VA-VK)
-
2.9
3.2
3.5
V
LED Power Supply Current
Iled(WHITE)
RL=0Ω
-
135
-
mA


Similar Part No. - AGM1612B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1616A AZDISPLAYS-AGM1616A Datasheet
155Kb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM1616B AZDISPLAYS-AGM1616B Datasheet
486Kb / 14P
   LCD MODULE
AGM1616C AZDISPLAYS-AGM1616C Datasheet
2Mb / 12P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - AGM1612B

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com