Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-1631-41 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # FTR-1631-41
Description  DWDM GBIC Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTR-1631-41 Datasheet(HTML) 3 Page - Finisar Corporation.

  FTR-1631-41 Datasheet HTML 1Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 2Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 3Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 4Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 5Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 6Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 7Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 8Page - Finisar Corporation. FTR-1631-41 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
FTR-1631-XX DWDM GBIC Preliminary Product Specification
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 3
Rev J, August 2004
I.
Pin Out
Table 1. GBIC to Host Connector Pin Assignment
“Sequence” indicates the order in which pins make contact when the device is hot
plugged. See “Table 3: Signal Definitions” in the GBIC Specification Revision 5.5
1
for a description of the function of each pin listed above.
Pin Name
Pin #
Sequence
RX_LOS
1
2
GND
2
2
GND
3
2
MOD_DEF(0)
4
2
MOD_DEF(1)
5
2
MOD_DEF(2)
6
2
TX_DISABLE
7
2
GND
8
2
GND
9
2
TX_FAULT
10
2
GND
11
1
-RX_DAT
12
1
+RX_DAT
13
1
GND
14
1
VCC
15
2
VCC
16
2
GND
17
1
+TX_DAT
18
1
-TX_DAT
19
1
GND
20
1


Similar Part No. - FTR-1631-41

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-49 FINISAR-FTR-1619-49 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-51 FINISAR-FTR-1619-51 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-53 FINISAR-FTR-1619-53 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1619-55 FINISAR-FTR-1619-55 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
More results

Similar Description - FTR-1631-41

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
logo
Finisar Corporation.
FCM-8519-1-T4 FINISAR-FCM-8519-1-T4 Datasheet
73Kb / 9P
   Copper GBIC Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
DTR1250SMGBL1 OPLINK-DTR1250SMGBL1 Datasheet
107Kb / 5P
   GBIC Single Mode Transceiver
logo
Finisar Corporation.
FTR-8519-3D FINISAR-FTR-8519-3D Datasheet
188Kb / 8P
   Short-Wavelength GBIC Transceiver
logo
Level One
GVT-0302 LVL1-GVT-0302 Datasheet
195Kb / 2P
   Mini GBIC SFP transceiver
logo
Finisar Corporation.
FTR-1419 FINISAR-FTR-1419 Datasheet
172Kb / 9P
   40km Extended GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com