Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

225PHC700K Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 225PHC700K
Description  Metallized Polypropylene Film Capacitors for Switching Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225PHC700K Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  225PHC700K Datasheet HTML 1Page - Illinois Capacitor, Inc. 225PHC700K Datasheet HTML 2Page - Illinois Capacitor, Inc. 225PHC700K Datasheet HTML 3Page - Illinois Capacitor, Inc. 225PHC700K Datasheet HTML 4Page - Illinois Capacitor, Inc. 225PHC700K Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
PHC
Metallized Polypropylene
Film Capacitors for
Switching Circuits
STANDARD PART LISTING
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
Typical
ESR
@100 kHz,
+25°C in m
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
4
400
405PHC400KJ
55
9
3.1
24x34
4
600
405PHC600K
55
12
3.4
27x46
4
700
405PHC700K
70
12
5.4
33.5x46
4
700
405PHC700KR
60
12
6.7
29x55
4
700
405PHC700KS
45
12
7.7
27.5x57
4
850
405PHC850K
125
12
2.8
35x55
4
850
405PHC850KS
110
12
3.1
33x59
4
850
405PHC850KJ
40
9
3.3
31x57
4.7
250
475PHC250KJ
40
9
3.3
18x34
4.7
330
475PHC330KN
30
9
4.0
19x46
4.7
330
475PHC330KJ
45
9
3.1
22x34
4.7
400
475PHC400K
40
9
7.7
22x46
4.7
600
475PHC600KS
40
12
8.6
24.5x59
4.7
600
475PHC600KR
50
12
7.7
26.5x55
4.7
600
475PHC600K
55
12
6.4
29x46
4.7
700
475PHC700KS
45
12
7.0
29.5x59
4.7
700
475PHC700K
60
12
6.1
31x55
4.7
850
475PHC850KS
110
12
2.8
35.5x59
4.7
850
475PHC850K
125
12
2.5
37x55
5
250
505PHC250K
40
9
3.2
18.5x34
5
330
505PHC330KN
30
9
3.9
19.5x46
5
330
505PHC330KJ
45
9
3.0
21.5x34
5
400
505PHC400K
40
9
7.5
22.5x46
5
600
505PHC600KS
40
11.5
8.3
25x59
5
600
505PHC600K
50
12
7.4
27x55
5
600
505PHC600KN
55
12
6.3
29.5x46
5
700
505PHC700KS
45
12
6.6
30.5x59
5
700
505PHC700K
60
12
5.8
32x55
5
850
505PHC850KS
110
12
2.7
36.5x59
5
850
505PHC850K
125
12
2.4
38x55
5.6
850
565PHC850K
125
12
2.1
40.5x55
6.8
250
685PHC250K
40
9
2.9
21x34
6.8
330
685PHC330KN
30
9
3.4
22x46
6.8
400
685PHC400K
40
11
6.4
26x46
6.8
600
685PHC600KS
40
12
7.3
28.5x59
6.8
600
685PHC600K
50
12
6.5
30x55
6.8
700
685PHC700KS
45
12
5.8
35x59
6.8
700
685PHC700K
60
12
5.1
37x55
6.8
850
685PHC850KS
110
12
2.3
41.5x59
8.2
700
825PHC700KS
45
12
5.3
38x59
8.2
700
825PHC700K
60
12
4.6
41x55
10
250
106PHC250KN
25
9
3.1
21.5x46
10
250
106PHC250K
40
9
2.4
24x34
10
330
106PHC330KN
30
10
6.7
26x46
10
400
106PHC400KS
25
11
7.1
26x59
10
400
106PHC400K0N
40
12
5.4
31x46
10
400
106PHC400K
30
12
6.3
27x55
10
600
106PHC600KS
40
12
6.1
33.5x59
10
600
106PHC600K
50
12
5.4
35x55
10
700
106PHC700KS
45
12
4.9
41.5x59
12.5
600
126PHC600KS
40
12
5.5
37.5x59
12.5
600
126PHC600K
50
12
4.9
40.5x55
15
250
156PHC250K
25
12
2.6
25.5x46
15
330
156PHC330KS
20
12
6.8
26.5x59
15
330
156PHC330KR
25
12
6.0
28x55
15
330
156PHC330KN
30
12
5.4
31x46
15
400
156PHC400KS
25
12
5.6
31x59
15
400
156PHC400K
30
12
5.0
33x55
15
600
156PHC600KS
40
12
5.1
41x59
20
250
206PHC250K
25
12
5.0
29x46
20
330
206PHC330KS
20
12
5.8
30x59
20
330
206PHC330KR
25
12
5.1
31.5x55
20
400
206PHC400KS
25
12
4.7
35x59
20
400
206PHC400K
30
12
4.3
37x55
22
250
226PHC250KN
25
12
4.7
30.5x46
22
330
226PHC330KS
20
12
5.4
31x59
22
330
226PHC330KR
25
12
4.8
33x55
22
400
226PHC400KS
25
12
4.5
37x59
22
400
226PHC400KR
30
12
4.1
39x55
25
250
256PHC250K
25
12
4.4
32x46
25
330
256PHC330KS
20
12
5.0
33x59
25
330
256PHC330KR
25
12
4.5
35x55
25
400
256PHC400KS
25
12
4.2
39x59
25
400
256PHC400K
30
12
3.8
41.5x56
30
250
306PHC250KS
15
12
5.3
29.5x59
30
250
306PHC250K
20
12
4.5
31x55
30
330
306PHC330KS
20
12
4.5
36x59
30
330
306PHC330KR
25
12
4.1
38x55
33
250
336PHC250KS
15
12
5
31x59
33
250
336PHC250KR
20
12
4.3
32.5x55
33
330
336PHC330KS
20
12
4.3
37.5x59
33
330
336PHC330KR
25
12
3.9
39.5x55
35
330
356PHC330KS
20
12
4.2
38.5x59
35
330
356PHC330KR
25
12
3.8
41x55
40
250
406PHC250KS
15
12
4.5
33.5x59
40
250
406PHC250K
20
12
3.9
36x55
40
330
406PHC330KS
20
12
3.9
41x59
50
250
506PHC250KS
15
12
3.9
37x59
50
250
506PHC250K
20
12
3.5
40x55
60
250
606PHC250KS
15
12
3.5
40x59
Typical
ESR
@100 kHz,
+25°C in m
207


Similar Part No. - 225PHC700K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225PHC700K ILLINOISCAPACITOR-225PHC700K Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
225PHC700K ILLINOISCAPACITOR-225PHC700K Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
More results

Similar Description - 225PHC700K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com