Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

683PPB400K Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 683PPB400K
Description  Polypropylene Film Capacitors for Power Semiconductor Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

683PPB400K Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  683PPB400K Datasheet HTML 1Page - Illinois Capacitor, Inc. 683PPB400K Datasheet HTML 2Page - Illinois Capacitor, Inc. 683PPB400K Datasheet HTML 3Page - Illinois Capacitor, Inc. 683PPB400K Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
188
®
Polypropylene Film
Capacitors for Power
Semiconductor Circuits
PPB
Snubber Capacitor for Energy Conversion
Power Semiconductor Circuits
SCR Communication
TV Deflection ckts.
High Voltage
High Current
High Pulse Current Applications
Operating Temperature Range
Capacitance Tolerance
+/- 10% at 1kHz, 20˚C
Dissipation Factor
(max) at 20˚C.
Insulation Resistance
@20˚C(<70% RH)
for 1 minute at 100VDC
Dielectric Strength
160% of rated VDC for 2 seconds at 20°C between leads
Load Life
2000 hours at 85°C±2°C with 125% of rated voltage
Self inductance
<1nH/mm of capacitor lead spacing
Capacitance drift
<0.5% up to 40°C after 2 years
Temperature Coefficient
-200ppm/˚C +/- 100ppm/˚C
Reliability
fit=1x109
Failures/component hours.
Applied Voltage=0.5xVDC
Temperature=+40°C±2°C
Dielectric
Polypropylene
Electrodes
Vacuum deposited metal layers
Construction
Extended double metallized carrier film, internal series
connections and metallized film for VDC
≥630Vdc.
Leads
Tinned copper wire.
Coating
Solvent resistant plastic box (UL94V-1) with epoxy end seals (UL 94V-0)
250
400
630
1000
1600
2000
160
250
400
600
650
700
WVDC
VAC
Rated Voltage
C
≤0.1µF
0.1uF>C
≤1µF
C>1µF
1
.03%
.03%
.04%
10
.05%
.06%
-
100
.16%
-
-
-55˚C to +105˚C
≥100,000MΩ
≥30,000MΩ x µF
≤2% change from initial value
≤0.1% at 10kHz and 25°C for C≤1µF
≤0.1% at 1kHz and 25°C for C>1µF
For T>85°C voltage must be rated by 1.25% for every °C above 85°C
C
≤0.33µF
C>0.33µF
Capacitance change
Dissipation Factor
Insulation Resistance
≥50% of initial specified value
≤2FIT for WVDC≤400VDC
≤1FIT for WVDC>400VDC
Capacitance change
Dissipation Factor
Insulation Resistance
≤10% change from initial value
>2x initial specified value.
<0.005x initial specified value.
Freq (kHz)


Similar Part No. - 683PPB400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
683PPB400K ILLINOISCAPACITOR-683PPB400K Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
683PPB400K ILLINOISCAPACITOR-683PPB400K Datasheet
428Kb / 3P
   High Pulse Currents - High voltage
More results

Similar Description - 683PPB400K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473PMB302KP2 ILLINOISCAPACITOR-473PMB302KP2 Datasheet
376Kb / 3P
   Polypropylene Film Capacitors for Power Semiconductor Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
472PPA302KG ILLINOISCAPACITOR-472PPA302KG Datasheet
391Kb / 5P
   Polypropylene Film Capacitors for Power
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
logo
Cornell Dubilier Electr...
MPXQD47K CDE-MPXQD47K Datasheet
139Kb / 1P
   Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
DPPN MERITEK-DPPN Datasheet
111Kb / 1P
   Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
P2S RUBYCON-P2S Datasheet
168Kb / 2P
   POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
PPL MERITEK-PPL Datasheet
157Kb / 1P
   Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com