Electronic Components Datasheet Search |
|
FWLF1631R39 Datasheet(PDF) 4 Page - Finisar Corporation. |
|
FWLF1631R39 Datasheet(HTML) 4 Page - Finisar Corporation. |
4 / 10 page FWLF1631RXX DWDM SFP Preliminary Product Specification – November 2006 F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 4 Rev B, November 2006 II. Absolute Maximum Ratings Parameter Symbol Min Typ Max Unit Maximum Supply Voltage Vcc -0.5 4.7 V Storage Temperature TS -10 85 °C Case Operating Temperature TOP -5 70 °C III. Electrical Characteristics (TOP = -5 to 70 °C, VCC = 3.13 to 3.50 Volts) Parameter Symbol Min Typ Max Unit Ref. Supply Voltage Vcc 3.13 3.30 3.50 V Supply Current Icc 380 mA Inrush Current Isurge Icc+30 mA Maximum Power Pmax 1.25 W TRANSMITTER Input differential impedance Rin 100 Ω 1 Single ended data input swing Vin,pp 250 1200 mV Transmit Disable Voltage VD Vcc – 1.3 Vcc V Transmit Enable Voltage VEN Vee Vee+ 0.8 V 2 RECEIVER Single ended data output swing Vout,pp 175 1000 mV 3 Data output rise time tr 150 ps 4 Data output fall time tf 150 ps 4 LOS Fault VLOS fault Vcc – 0.5 VccHOST V 5 LOS Normal VLOS norm Vee Vee+0.5 V 5 Power Supply Rejection PSR 100 mVpp 6 Notes: 1. Connected directly to TX data input pins. AC coupled thereafter. 2. Or open circuit. 3. Into 100 ohms differential termination. 4. 20 – 80 % 5. Loss of signal (LOS) is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected. 6. Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to specified value applied through the recommended power supply filtering network. |
Similar Part No. - FWLF1631R39 |
|
Similar Description - FWLF1631R39 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |