Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF-1631-46 Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FWLF-1631-46
Description  RoHS Compliant DWDM SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF-1631-46 Datasheet(HTML) 8 Page - Finisar Corporation.

Back Button FWLF-1631-46 Datasheet HTML 4Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 5Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 6Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 7Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 8Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 9Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 10Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 11Page - Finisar Corporation. FWLF-1631-46 Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
FWLF-1631-XX DWDM SFP Preliminary Product Specification – August 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 8
Rev B, August 2005
IX. Serial Communication Protocol
All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP
MSA
1. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h.
For details on interfacing with the E
2PROM, see the Atmel data sheet titled
“AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”7
Finisar’s DWDM SFPs also support extended diagnostic features as described in Finisar
Applications Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
5. (Additional information is available in document titled: “Digital Diagnostic
Monitoring Interface for Optical Transceivers Rev 9.3”
8). A controller IC that monitors
system parameters such as laser current, module temperature, transmitter power, and
received power is accessible at address A2H.
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
I
2C Clock for Atmel
(A0H) and Controller
IC (A2H)
Catmel
0
100,000
Hz
Bus can be driven blind.


Similar Part No. - FWLF-1631-46

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF-1631-XX FINISAR-FWLF-1631-XX Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results

Similar Description - FWLF-1631-46

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FTLF8529P4BCV FINISAR-FTLF8529P4BCV Datasheet
844Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
FTLF8529P4BNV FINISAR-FTLF8529P4BNV Datasheet
919Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com