Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF-1631-45 Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FWLF-1631-45
Description  RoHS Compliant DWDM SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF-1631-45 Datasheet(HTML) 6 Page - Finisar Corporation.

Back Button FWLF-1631-45 Datasheet HTML 2Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 3Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 4Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 5Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 6Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 7Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 8Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 9Page - Finisar Corporation. FWLF-1631-45 Datasheet HTML 10Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FWLF-1631-XX DWDM SFP Preliminary Product Specification – August 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 6
Rev B, August 2005
V.
Optical Parameters
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
TRANSMITTER CHARACTERISTICS
Center Wavelength Spacing
100
GHz
Corresponds to
approximately 0.8 nm
Spectral Width
∆λ 20
0.2
0.3
nm
Full width, -20dB from
max
Transmitter Center Wavelength –
End of Life
λ
c
X - 100
X
X + 100
pm
X = specified ITU center
wavelength
Transmitter Center Wavelength –
Start of Life
λ
c
Y - 25
Y
Y + 25
pm
Y = specified BOL
center wavelength
Side Mode Suppression Ratio
(SMSR)
SMSR
30
dB
Modulated
Optical Rise/Fall Time
tr / tf
160
ps
Unfiltered, 80% -20%
Transmitter Optical Output Power
Pout
0
+4
dBm
Average power coupled
into single mode fiber
Transmitter Extinction Ratio
OMI
8.2
dB
Transmitter Eye Opening
10
%
OC-48 eye mask margin
Transmitter Jitter (peak to peak)
75
mUI
Parameter per GR-253
8
section 5.6 for OC-48 B
Tolerable Back Reflection
BR
-14
dB
See note 5
Relative Intensity Noise
RIN
-120
dB/Hz
Dispersion Power Penalty at 120km
3.0
dB
2400ps/nm. See Note 3.
RECEIVER CHARACTERISTICS
Optical Input Wavelength
Pin
1520
1570
nm
Receiver Jitter Generation
75
mUI
Parameters per GR-253
8
section 5.6 for OC-48 B
Optical Input Power
(BER < 10
-9)
Pin
-30
-9
dBm
2.5 Gb/s w/
PRBS 2
23 -1
Optical Input Power
(BER < 10
-12)
Pin
-28
-9
dBm
2.5 Gb/s w/
PRBS 2
23 -1
Optical Input Power –
Receiver Damage Threshold
6
dBm
Receiver Reflectance
RRX
-27
dB
OSNR Limit
OSNRmin
20
dB
OSNR Power Penalty
3.0
dB
For OSNR = OSNRmin.
See Note 4
Notes:
1. Parameters are specified over temperature and voltage, at end of life unless otherwise noted.
2. All parameters are measured on a Finisar SFP Evaluation Card unless otherwise noted.
3. Dispersion power penalty is measured in loop back with OSNR set at Rx < 28 dB. Data rate and pattern used
same as specified for Optical Input Power. Dispersion penalty is measured at BER = 10
-10
4. OSNR power penalty is measured in loop back. Data rate and pattern used is same as specified for Optical
Input Power. OSNR penalty is measured at BER = 10
-10
5. Tolerable back reflection is the max back reflection level at which the power penalty will be <1dB. Power
penalty is measured over fiber (2400ps/nm) at BER = 10
-10 under high OSNR (>28dB) conditions.


Similar Part No. - FWLF-1631-45

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF-1631-XX FINISAR-FWLF-1631-XX Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results

Similar Description - FWLF-1631-45

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FTLF8529P4BCV FINISAR-FTLF8529P4BCV Datasheet
844Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
FTLF8529P4BNV FINISAR-FTLF8529P4BNV Datasheet
919Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com