Electronic Components Datasheet Search |
|
FWLF1631R35 Datasheet(PDF) 3 Page - Finisar Corporation. |
|
FWLF1631R35 Datasheet(HTML) 3 Page - Finisar Corporation. |
3 / 10 page FWLF1631RXX DWDM SFP Preliminary Product Specification – November 2006 F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 3 Rev B, November 2006 I. Pin Descriptions Pin Symbol Name/Description Ref. 1 VEET Transmitter Ground (Common with Receiver Ground) 1 2 TFAULT Transmitter Fault 3 TDIS Transmitter Disable. Laser output disabled on high or open 2 4 MOD_DEF(2) Module Definition 2. Data line for Serial ID 3 5 MOD_DEF(1) Module Definition 1. Clock line for Serial ID 3 6 MOD_DEF(0) Module Definition 0. Grounded within the module 3 7 Rate Select No connection required 4 8 LOS Loss of Signal indication. Logic 0 indicates normal operation 5 9 VEER Receiver Ground (Common with Transmitter Ground) 1 10 VEER Receiver Ground (Common with Transmitter Ground) 1 11 VEER Receiver Ground (Common with Transmitter Ground) 1 12 RD- Receiver Inverted DATA out. AC Coupled 13 RD+ Receiver Non-inverted DATA out. AC Coupled 14 VEER Receiver Ground (Common with Transmitter Ground) 1 15 VCCR Receiver Power Supply 16 VCCT Transmitter Power Supply 17 VEET Transmitter Ground (Common with Receiver Ground) 1 18 TD+ Transmitter Non-Inverted DATA in. 100 ohm termination between TD+ and TD-, AC Coupled thereafter 19 TD- Transmitter Inverted DATA in. See TD+ 20 VEET Transmitter Ground (Common with Receiver Ground) 1 Notes: 1. Circuit ground is internally isolated from chassis ground. 2. Laser output disabled on TDIS >2.0V or open, enabled on TDIS <0.8V. 3. Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and 5.5V. MOD_DEF(0) pulls line low to indicate module is plugged in. 4. Receiver achieves multi-rate operation without active control. 5. LOS is open collector output. Should be pulled up with 4.7k – 10kohms on host board to a voltage between 2.0V and 5.5V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. VeeT VeeT VeeR VeeR TD- TD+ RD+ RD- VccT VccR VeeT VeeR TXFault MOD-DEF(2) MOD-DEF(1) MOD-DEF(0) Rate Select LOS 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 Towards ASIC Towards Bezel TX Disable VeeR Diagram of Host Board Connector Block Pin Numbers and Names |
Similar Part No. - FWLF1631R35 |
|
Similar Description - FWLF1631R35 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |