Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM80-02-0 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # DM80-02-0
Description  10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM80-02-0 Datasheet(HTML) 5 Page - Finisar Corporation.

  DM80-02-0 Datasheet HTML 1Page - Finisar Corporation. DM80-02-0 Datasheet HTML 2Page - Finisar Corporation. DM80-02-0 Datasheet HTML 3Page - Finisar Corporation. DM80-02-0 Datasheet HTML 4Page - Finisar Corporation. DM80-02-0 Datasheet HTML 5Page - Finisar Corporation. DM80-02-0 Datasheet HTML 6Page - Finisar Corporation. DM80-02-0 Datasheet HTML 7Page - Finisar Corporation. DM80-02-0 Datasheet HTML 8Page - Finisar Corporation. DM80-02-0 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DM80-02-0/1/2 CML
TM TOSA Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –10-May-07
Rev_A
Page 5
BER=10
-12, 1600ps/nm
(EOLOT)
1
transmission, to be
discussed
24.
OSNR dispersion Penalty
@ BER=10
-4, 10.7Gbs,
1600ps/nm (EOLOT)
1
2
dB
Receiver threshold
optimized at BB and
1600ps/nm
Note:
1. Please call Finisar to discuss the receiver configuration, including types of PIN/APD,
and power level into APD, and the type of CDRs are used. 2400ps/nm transmission
is possible with trade-off between back-to-back eye diagram and transmission
performance; DM80-01 is also compliant with the newly accepted ITU 10Gbps
120km standard P1V1-2C2
V. Mechanical Details
Figure 3: TOSA Package Profile


Similar Part No. - DM80-02-0

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-1 FINISAR-DM80-01-1 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-2 FINISAR-DM80-01-2 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-3 FINISAR-DM80-01-3 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
DM80-01-4 FINISAR-DM80-01-4 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
More results

Similar Description - DM80-02-0

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
DM200-02-0 FINISAR-DM200-02-0 Datasheet
231Kb / 10P
   10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-0 FINISAR-DM200-01-0 Datasheet
262Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-3 FINISAR-DM80-01-3 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
logo
Finisar Corporation.
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTLX1413D3BCL FINISAR-FTLX1413D3BCL Datasheet
248Kb / 11P
   10Gb/s 10km Datacom XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com