Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

256PMC330K Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 256PMC330K
Description  Metallized Polypropylene Film Capacitors for Switching Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256PMC330K Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  256PMC330K Datasheet HTML 1Page - Illinois Capacitor, Inc. 256PMC330K Datasheet HTML 2Page - Illinois Capacitor, Inc. 256PMC330K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
PMC
+85°C Metallized
Polypropylene Film
Capacitors
PHYSICAL DIMENSIONS
Convert to inches, divide by 25.4
LxHxT (mm)
STANDARD PART LISTING
µF
250
330
400
600
700
(160)
(200)
(250)
(330)
(400)
WVDC
(VAC)
1.5
700
155PMC700K#P2
70
12
5.3
42.5x27.5x24.5
2
700
205PMC700K#P2
70
16
3.8
42.5x27.5x24.5
2.5
600
255PMC600K#P2
55
16
3.8
42.5x27.5x24.5
2.5
700
255PMC700K#P1
70
20.5
3.3
42.5x35.5x33.5
3
600
305PMC600K#P2
55
17
3.4
42.5x27.5x24.5
3
700
305PMC700K#P1
70
21.5
3
42.5x35.5x33.5
3.3
600
335PMC600K#
55
17
3.3
42.5x27.5x24.5
3.3
700
335PMC700K#
70
22
2.9
42.5x35.5x33.5
4
400
405PMC400K#P2
40
17
3.2
42.5x27.5x24.5
4
600
405PMC600K#P1
55
23
2.6
42.5x35.5x33.5
4
700
405PMC700K#P0
70
25.5
2.5
42.5x45x33
4.7
600
475PMC600K#
55
24
2.4
42.5x35.5x33.5
4.7
700
475PMC700K#
70
27
2.2
42.5x45x33
5
400
505PMC400K#P2
40
18.5
2.8
42.5x27.5x24.5
5
600
505PMC600K#P1
55
24
2.4
42.5x35.5x33.5
5
700
505PMC700K#P0
70
27
2.2
42.5x45x33
6.8
330
685PMC330K#
30
18.5
2.8
42.5x27.5x24.5
6.8
400
685PMC400K#P1
40
23.5
2.4
42.5x35.5x33.5
6.8
600
685PMC600K#P0
55
27.5
2.1
42.5x45x33
8
700
805PMC700K#
40
25.5
3.5
57.5x50x35
9
600
905PMC600K#P0
55
30
1.8
42.5x45x33
9
700
905PMC700K#
40
26.5
3.2
57.5x50x35
10
250
106PMC250K#P2
25
19
2.6
42.5x27.5x24.5
10
400
106PMC400K#P1
40
25.5
2
42.5x35.5x33.5
Typical ESR
m
100kHz,
+25°C
Maximum RMS
Ripple Current
@100kHz,
+70°C (A)
1.5
42.5x27.5x24.5
2
42.5x27.5x24.5
2.5
42.5x27.5x24.5
42.5x35.5x33.5
3
42.5x27.5x24.5
42.5x35.5x33.5
3.3
42.5x27.5x24.5
42.5x35.5x33.5
4
42.5x27.5x24.5
42.5x35.5x33.5
42.5x45x33
4.7
42.5x35.5x33.5
42.5x45x33
5
42.5x27.5x24.5
42.5x35.5x33.5
42.5x45x33
6.8
42.5x27.5x24.5
42.5x35.5x33.5
42.5x45x33
57.5x45x30
8
57.5x50x35
9
42.5x45x33
57.5x50x35
10
42.5x27.5x24.5
42.5x35.5x33.5
57.5x45x30
12.5
42.5x45x33
57.5x50x35
15
42.5x35.5x33.5
42.5x35.5x33.5
42.5x45x33
57.5x50x35
20
42.5x35.5x33.5
42.5x45x33
57.5x45x30
22
42.5x35.5x33.5
42.5x45x33
57.5x50x35
25
42.5x35.5x33.5
57.5x45x30
57.5x50x35
30
42.5x45x33
57.5x45x30
33
42.5x45x33
35
42.5x45x33
57.5x50x35
40
57.5x50x35
50
57.5x50x35
60
57.5x50x35
10
600
106PMC600K#
30
23.5
3.8
57.5x45x30
12.5
400
126PMC400K#P0
40
29
1.9
42.5x45x33
12.5
600
126PMC600K#
30
26
3.3
57.5x50x35
15
250
156PMC250K#P1
25
24.5
2.2
42.5x35.5x33.5
15
330
156PMC330K#
30
26.5
2
42.5x35.5x33.5
15
400
156PMC400K#P0
40
30
1.8
42.5x45x33
15
600
156PMC600K#
30
27.5
3
57.5x50x35
20
250
206PMC250K#P1
25
27
1.9
42.5x35.5x33.5
20
330
206PMC330K#
30
29.5
1.8
42.5x45x33
20
400
206PMC400K#
20
26.5
2.8
57.5x45x30
22
250
226PMC250K#
25
27.5
1.9
42.5x35.5x33.5
22
330
226PMC330K#
30
30.5
1.7
42.5x45x33
22
400
226PMC400K#
20
29
2.7
57.5x50x35
25
250
256PMC250K#P1
25
28
1.8
42.5x35.5x33.5
25
330
256PMC330K#
17
26.5
2.7
57.5x45x30
25
400
256PMC400K#
20
30
2.5
57.5x50x35
30
250
306PMC250K#P0
25
30
1.7
42.5x45x33
30
330
306PMC330K#
17
27.5
2.6
57.5x45x30
33
250
336PMC250K#
25
31
1.7
42.5x45x33
35
250
356PMC250K#P0
25
31
1.7
42.5x45x33
35
330
356PMC330K#
17
31
2.3
57.5x50x35
40
330
406PMC330K#
17
32.5
2.1
57.5x50x35
50
250
506PMC250K#
15
33
2.1
57.5x50x35
60
250
606PMC250K#
15
34.5
1.9
57.5x50x35
Dimensions
LxHxT
(mm)
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
Typical ESR
m
100kHz,
+25°C
Maximum RMS
Ripple Current
@100kHz,
+70°C (A)
Dimensions
LxHxT
(mm)
Capacitance
(µF)
WVDC
PART
NUMBER
dv/dt
(v/µs)
®


Similar Part No. - 256PMC330K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256PMC330K# ILLINOISCAPACITOR-256PMC330K# Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
More results

Similar Description - 256PMC330K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com