Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL-161955 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTL-161955
Description  CWDM GBIC Transceiver with APD Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL-161955 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTL-161955 Datasheet HTML 1Page - Finisar Corporation. FTL-161955 Datasheet HTML 2Page - Finisar Corporation. FTL-161955 Datasheet HTML 3Page - Finisar Corporation. FTL-161955 Datasheet HTML 4Page - Finisar Corporation. FTL-161955 Datasheet HTML 5Page - Finisar Corporation. FTL-161955 Datasheet HTML 6Page - Finisar Corporation. FTL-161955 Datasheet HTML 7Page - Finisar Corporation. FTL-161955 Datasheet HTML 8Page - Finisar Corporation. FTL-161955 Datasheet HTML 9Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
F i n i s a r
© Finisar Corporation February 2007 – Rev. B
Page 1
Product Specification
CWDM GBIC Transceiver with APD Receiver
FTL-1619-XX
PRODUCT FEATURES
• Up to 1.25 Gb/s bi-directional
data links
• RoHS compliant and Lead Free
• Standard GBIC footprint
• Uncooled CWDM-rated DFB
laser transmitter
• Class 1 laser safety
• Very low jitter
• Metal enclosure for lower EMI
• Extended voltage range
• Low power dissipation
• Extended operating temperature
range: 0°C to 70°C
APPLICATIONS
• Metro Access Rings and Point-
to-Point for Gigabit Ethernet
Networks and Fibre Channel
SANs
Finisar’s FTL-1619-xx CWDM GBIC transceivers are designed for operation in Metro
Access Rings and Point-to-Point networks using Gigabit Ethernet
1 and Fibre Channel2
networking equipment. The FTL-1619-xx is also designed to comply to GBIC
Specification Revision 5.5
3*. The transceiver is available in eight different CWDM
wavelengths; and is RoHS compliant and lead-free per Directive 2002/95/EC
4 and Finisar
Application Note AN-2038
5. Digital diagnostics functions are available via an I2C serial
bus.
PRODUCT SELECTION
Wavelength
XX
Color Code Dot
Wavelength
XX
Color Code Dot
1470 nm
47
Gray
1550 nm
55
Yellow
1490 nm
49
Violet
1570 nm
57
Orange
1510 nm
51
Blue
1590 nm
59
Red
1530 nm
53
Green
1610 nm
61
Brown


Similar Part No. - FTL-161955

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-49 FINISAR-FTL-1619-49 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-51 FINISAR-FTL-1619-51 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-53 FINISAR-FTL-1619-53 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1619-55 FINISAR-FTL-1619-55 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
More results

Similar Description - FTL-161955

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL-1619-47 FINISAR-FTL-1619-47 Datasheet
93Kb / 9P
   CWDM GBIC Transceiver with APD Receiver
FTL-1621-47 FINISAR-FTL-1621-47 Datasheet
94Kb / 9P
   Multi-Rate CWDM GBIC Transceiver with APD Receiver
FTR-1619-47 FINISAR-FTR-1619-47 Datasheet
94Kb / 9P
   WDM Gigabit GBIC Transceiver with APD Receiver
FTR-1621-47 FINISAR-FTR-1621-47 Datasheet
373Kb / 9P
   WDM Multi-rate GBIC Transceiver with APD Receiver
FTR-1621T-47 FINISAR-FTR-1621T-47 Datasheet
145Kb / 8P
   CWDM Extended Temperature GBIC Transceiver
FWLF16197D FINISAR-FWLF16197D Datasheet
552Kb / 10P
   WDM SFP Transceiver with APD Receiver
FWDM-1619-7D-47 FINISAR-FWDM-1619-7D-47 Datasheet
417Kb / 10P
   WDM SFP Transceiver with APD Receiver
logo
List of Unclassifed Man...
MGB-243S ETC2-MGB-243S Datasheet
437Kb / 7P
   GBIC Transceiver
logo
Finisar Corporation.
FTR-1629-17 FINISAR-FTR-1629-17 Datasheet
149Kb / 10P
   DWDM GBIC Transceiver
logo
Source Photonics, Inc.
FTM-5012S-G80G SOURCE-FTM-5012S-G80G Datasheet
248Kb / 8P
   1.25Gbps GBIC Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com