Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLF15217D49 Datasheet(PDF) 5 Page - Finisar Corporation.

Part # FWLF15217D49
Description  Multi-rate CWDM Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15217D49 Datasheet(HTML) 5 Page - Finisar Corporation.

  FWLF15217D49 Datasheet HTML 1Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 2Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 3Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 4Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 5Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 6Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 7Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 8Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FWLF15217Dxx SFP Product Specification – December 2006
F i n i s a r
© Finisar Corporation December 2006 Rev.A
Page 5
V.
Optical Characteristics (TOP = 0 to 70
°C, V
CC = 3.15 to 3.60 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Transmitter
Output Opt. Pwr (EOL)
POUT
0
+5
dBm
2
Optical Wavelength
λ
(X-6.5)
(X+1)
(X+6.5)
nm
3
Wavelength Temperature Dependence
0.08
0.125
nm/°C
Spectral Width
∆λ20
1
nm
4
Optical Extinction Ratio
ER
8.2
dB
5
Sidemode Suppression Ratio
SMSRmin
30
dB
Optical Rise/Fall Time
tr/ tf
180
ps
6
RIN
RIN
-120
dB/Hz
Transmitter Jitter Generation
75
mUI
7
Dispersion Penalty at 50 km
1.5
dB
8
Receiver
Optical Input Power
Pin
-20
0
dBm
9
Optical Input Wavelength
λ
C
1450
1620
nm
Receiver Jitter Generation
75
mUI
7
Optical Return Loss
27
dB
Notes:
1.
Parameters are specified over temperature and voltage, at end of life unless otherwise noted.
2.
Class 1 Laser Safety per FDA/CDRH and IEC-825-1 regulations.
3.
Over case temperature of 0 to 70 °C. The Transmitter Center Wavelength “X” is as specified by the
customer. The current available wavelengths are: 1470, 1490, 1510, 1530, 1550, 1570, 1590, and 1610
nm. Please see the “Product Selection” section on page 1.
4.
Full width, -20dB from peak.
5.
Measured filtered, at 2.488 Gb/s. Min represents worst-case ER over temperature and at end of life.
6.
Unfiltered, 20% to 80%.
7.
Measured per GR-253
2 section 5.6 for OC-48 B.
8.
SMF-28 fiber used. 60kms represents 1200ps/nm at 1610nm. Measured at 2.488Gb/s with a PRBS
2
23-1 pattern at a BER<10-12.
9.
Pin represents the range of input powers where BER<10
-12. P
in is valid over all data rates specified in
Section IV.


Similar Part No. - FWLF15217D49

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF15217DXX FRONTIER-FWLF15217DXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

Similar Description - FWLF15217D49

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com