Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTRX-3812M319 Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTRX-3812M319
Description  Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTRX-3812M319 Datasheet(HTML) 1 Page - Finisar Corporation.

  FTRX-3812M319 Datasheet HTML 1Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 2Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 3Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 4Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 5Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 6Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 7Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 8Page - Finisar Corporation. FTRX-3812M319 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
F i n i s a r
Product Specification
Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812M3xx
PRODUCT FEATURES
• Supports 9.95Gb/s to 11.1Gb/s
• Hot-pluggable XFP footprint
• Temperature-stabilized DWDM
EML transmitter
• 100GHz ITU Grid, C-Band
• Duplex LC connector
• Power dissipation <3.5W
• Built-in digital diagnostic functions
• Temperature range: -5°C to 70°C
APPLICATIONS
• Amplified DWDM 10G SONET/SDH
• Amplified DWDM 10G Ethernet
Finisar’s FTRX-3812M3xx Small Form Factor 10Gb/s (XFP) transceiver complies with
the current XFP Multi-Source Agreement (MSA) Specification
1. It supports amplified
DWDM 10Gb/s SONET/SDH and 10-Gigabit Ethernet applications. Digital diagnostics
functions are available via a 2-wire serial interface, as specified in the XFP MSA. For a
SONET-only version, please see FTRX-3812S3xx.
PRODUCT SELECTION
FTRX-3812M3xx
xx: 100GHz ITU-T channel
(see next page)
© Finisar Corporation 28-September-2007
Rev C1
Page 1


Similar Part No. - FTRX-3812M319

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S318 FINISAR-FTRX-3812S318 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S319 FINISAR-FTRX-3812S319 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S320 FINISAR-FTRX-3812S320 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTRX-3812S321 FINISAR-FTRX-3812S321 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
More results

Similar Description - FTRX-3812M319

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX3812M317 FINISAR-FTLX3812M317 Datasheet
300Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3812M3 FINISAR-FTLX3812M3 Datasheet
218Kb / 12P
   Multiprotocol 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M3 FINISAR-FTLX3815M3 Datasheet
698Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3815M317 FINISAR-FTLX3815M317 Datasheet
934Kb / 23P
   Multiprotocol 80Km, 10Gb/s DWDM XFP Optical Transceiver
FTLX3813M3 FINISAR-FTLX3813M3 Datasheet
561Kb / 13P
   Multiprotocol, 80km, 10Gb/s DWDM XFP Optical Transceiver
FTRX-3811-317 FINISAR-FTRX-3811-317 Datasheet
196Kb / 13P
   10Gb/s DWDM 80km XFP Optical Transceiver
FTRX-3812S317 FINISAR-FTRX-3812S317 Datasheet
292Kb / 12P
   SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX3812S317 FINISAR-FTLX3812S317 Datasheet
298Kb / 12P
   RoHS-6 Compliant SONET/SDH 10Gb/s DWDM XFP Optical Transceiver
FTLX1413M3BCL FINISAR-FTLX1413M3BCL Datasheet
624Kb / 11P
   10Gb/s, 10km XFP Optical Transceiver
FTRX-1811-3 FINISAR-FTRX-1811-3 Datasheet
457Kb / 11P
   10Gb/s 80km XFP Optical Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com