Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

226PUM050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 226PUM050M
Description  85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

226PUM050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  226PUM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 226PUM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
49
®
4x7
4x7
5x7
4x7
5x7
5x7
6.3x7
4x7
5x7
6.3x7, 8x7
4x7
5x7
6.3x7
8x7
4x7
5x7
6.3x7
8x7
5x7
6.3x7
5x7
6.3x7
8x7
6.3x7
6.3x7
8x7
8x7
33
50
336PUM050M
5.024
95
8x7
47
6.3
476PUM6R3M
8.466
46
4x7
47
16
476PUM016M
5.644
64
5x7
47
25
476PUM025M
4.938
74
6.3x7
47
35
476PUM035M
4.233
100
8x7
68
6.3
686PUM6R3M
5.851
58
5x7
68
16
686PUM016M
3.901
76
6.3x7
100
6.3
107PUM6R3M
3.979
76
5x7
100
16
107PUM016M
2.653
100
6.3x7
100
25
107PUM025M
2.321
140
8x7
150
6.3
157PUM6R3M
2.653
90
6.3x7
220
6.3
227PUM6R3M
1.809
115
6.3x7
220
16
227PUM016M
1.206
190
8x7
330
6.3
337PUM6R3M
1.206
190
8x7
PART
NUMBER
Maximum
ESR
120Hz,+20°C
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
PART
NUMBER
Maximum
ESR
120Hz,+20°C
Capacitance
(µF)
PUM
+ 85°C 7mm Height
Low Profile Radial
Lead Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS
Ripple Current
(mA)
120Hz,+85°C
Capacitance
(µF)
4.7
50
475PUM050M
35.274
23
4x7
6.8
35
685PUM035M
29.256
24
4x7
6.8
50
685PUM050M
24.380
27
5x7
10
35
106PUM035M
19.894
31
4x7
10
50
106PUM050M
16.579
37
5x7
15
35
156PUM035M
13.263
39
5x7
15
50
156PUM050M
11.052
43
6.3x7
22
16
226PUM016M
12.057
40
4x7
22
35
226PUM035M
9.043
50
5x7
22
50
226PUM050M
7.536
59
6.3x7
22
50
226PUM050MD8
7.536
75
8x7
33
10
336PUM010M
10.048
44
4x7
33
25
336PUM025M
7.033
57
5x7
33
35
336PUM035M
6.029
67
6.3x7
35
(44)
25
(32)
16
(20)
10
(13)
4.7
100
68
150
50
(63)
(µF)
6.8
15
22
33
47
220
330
WVDC
(SV)
6.3
(8)
Convert to inches, divide by 25.4
D
4
5
6.3
8
L1= L+1mm Max.
S1= S±.5mm
D1= D+.5mm Max.
-
+
PVC SLEEVE
d
S
1
D
1
L
1
L
L
19.0 MIN
15.0 MIN
PHYSICAL DIMENSIONS
10
DxL (mm)
Dimensions
DxL
(mm)
Dimensions
DxL
(mm)
WVDC
WVDC
S
d
1.5
.45
2.0
.45
2.5
.45
3.5
.50
LEAD INFORMATION V.S. CASE DIAMETER


Similar Part No. - 226PUM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226PUM050M ILLINOISCAPACITOR-226PUM050M Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
226PUM050M ILLINOISCAPACITOR-226PUM050M Datasheet
201Kb / 2P
   7mm Height, General Purpose, 1000 hours
226PUM050M ILLINOISCAPACITOR-226PUM050M Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
226PUM050M ILLINOISCAPACITOR-226PUM050M Datasheet
132Kb / 1P
   Radial Lead Low Profile
226PUM050MD8 ILLINOISCAPACITOR-226PUM050MD8 Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
More results

Similar Description - 226PUM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
105SAK050M ILLINOISCAPACITOR-105SAK050M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M_13 Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PGM050M ILLINOISCAPACITOR-104PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M Datasheet
389Kb / 3P
   85째C 5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104RLS050M ILLINOISCAPACITOR-104RLS050M Datasheet
114Kb / 3P
   85째C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M_13 Datasheet
186Kb / 2P
   85C Low Profile, 7mm Height Aluminum Electrolytic Capacitors
104SVF050M ILLINOISCAPACITOR-104SVF050M_16 Datasheet
249Kb / 2P
   5mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com