Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

474PHC600KG Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # 474PHC600KG
Description  Metallized Polypropylene Film Capacitors for Switching Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

474PHC600KG Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  474PHC600KG Datasheet HTML 1Page - Illinois Capacitor, Inc. 474PHC600KG Datasheet HTML 2Page - Illinois Capacitor, Inc. 474PHC600KG Datasheet HTML 3Page - Illinois Capacitor, Inc. 474PHC600KG Datasheet HTML 4Page - Illinois Capacitor, Inc. 474PHC600KG Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
206
®
PHC
Metallized Polypropylene
Film Capacitors for
Switching Circuits
STANDARD PART LISTING
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
Capacitance
(µF)
WVDC
dv/dt
(v/µs)
Typical
ESR
@100 kHz,
+25°C in m
PART
NUMBER
Maximum
RMS
Current
@100 kHz,
+70°C in Amps
Dimensions
DxL
(mm)
0.1
850
104PHC850KG
375
3.5
12.9
11.5x29
0.15
850
154PHC850K
300
4.5
10.8
12x34
0.15
850
154PHC850KG
375
4.5
9.8
13x29
0.22
700
224PHC700KJ
105
3.5
11.0
11.5x34
0.22
700
224PHC700KG
135
3.5
10.2
12.5x29
0.22
850
224PHC850K
300
5.5
8.4
13.5x34
0.22
850
224PHC850KG
375
5.5
7.7
15x29
0.33
600
334PHC600KG
95
4
9.0
12x29
0.33
700
334PHC700KJ
105
4.5
8.9
13.5x34
0.33
700
334PHC700KG
135
4.5
8.1
15x29
0.33
850
334PHC850K
300
7
6.6
16x34
0.33
850
334PHC850KG
375
7
5.9
17.5x29
0.47
400
474PHC400K
75
4
8.2
11x29
0.47
600
474PHC600K
75
5
8.9
12.5x34
0.47
600
474PHC600KG
95
5
7.9
13.5x29
0.47
700
474PHC700KG
105
6.5
7.3
15.5x34
0.47
700
474PHC700K
135
6.5
6.6
17x29
0.47
850
474PHC850K
300
9
5.4
18.5x34
0.68
330
684PHC330KG
60
4.5
8.7
11x29
0.68
400
684PHC400K
55
5.5
8.5
12x34
0.68
400
684PHC400KG
75
5.5
6.7
13x29
0.68
600
684PHC600K
75
6
7.4
14x34
0.68
600
684PHC60KG
95
6
6.5
16x29
0.68
700
684PHC700K
105
8
5.7
17.5x34
0.68
850
684PHC850KN
200
9
5.4
18x46
0.68
850
684PHC850K
300
9
4.3
21.5x34
1
250
105PHC250K
50
4.5
7.2
11x29
1
330
105PHC330KG
60
5.5
6.6
12.5x29
1
400
105PHC400K
55
6
6.4
13x34
1
400
105PHC400KG
75
6
5.5
15x29
1
600
105PHC600K
75
8
5.8
17.5x34
1
700
105PHC700KN
70
9
6.3
18x46
1
700
105PHC700K
150
9
4.3
21.5x34
1
850
105PHC850K
200
9
4.3
21.5x46
1
850
105PHC850KJ
300
12
3.2
26x34
1.2
700
125PHC700KN
70
9
6.0
20x46
1.2
700
125PHC700K
105
9
3.7
24x34
1.5
250
155PHC250K
50
5
5.8
13x29
1.5
330
155PHC330KJ
45
6
6.0
13.5x34
1.5
330
155PHC330KG
60
6.5
5.3
15x29
1.5
400
155PHC400K
55
7
5.3
15.5x34
1.5
400
155PHC400KG
75
7
4.5
17.5x29
1.5
600
155PHC600K
75
9
4.7
20x34
1.5
700
155PHC700K
70
9
5.3
21.5x46
1.5
850
155PHC850K
200
12
3.5
25.5x46
2
250
205PHC250KG
40
5
5.7
12.5x34
2
250
205PHC250K
50
5.5
4.9
14.5x29
2
330
205PHC330KJ
45
7.0
4.5
15x34
2
330
205PHC330KG
60
7.0
4.5
16.5x29
2
400
205PHC400K
55
9.0
4.4
17.5x34
2
600
205PHC600KJ
75
9.0
3.9
23x34
2
600
205PHC600K
70
12.0
4.5
24.5x46
2
700
205PHC700K
70
12.0
4.6
22.5x46
2
850
205PHC850K
200
12.0
2.9
29x46
2.2
250
225PHC250K
40
6.0
5.4
13x34
2.2
250
225PHC250KG
50
6.5
4.8
15x29
2.2
330
225PHC330KJ
45
7.0
5.1
15.5x34
2.2
330
225PHC330KG
60
7.0
4.1
17.5x29
2.2
400
225PHC400K
55
9.0
4.2
18.5x34
2.2
600
225PHC600K
55
9.0
4.6
21x46
2.2
600
225PHC600KJ
75
9.0
3.6
24x34
2.2
700
225PHC700K
70
12.0
4.3
25.5x46
2.2
850
225PHC850KS
110
12.0
4.3
25x59
2.2
850
225PHC850KR
125
12.0
3.8
26.5x55
2.2
850
225PHC850KS
200
12.0
2.9
30x46
2.5
250
255PHC250K
40
7.0
5.1
14x34
2.5
250
255PHC250KG
50
7.0
4.5
15.5x29
2.5
330
255PHC330KJ
45
8.0
4.8
16.5x34
2.5
400
255PHC400K
55
9.0
4.0
19x34
2.5
600
255PHC600K
55
9.0
4.4
22x46
2.5
700
255PHC700K
70
12.0
4.0
27x46
2.5
850
255PHC850KS
110
12.0
4.1
28.5x59
2.5
850
255PHC850KR
125
12.0
3.6
28x55
2.5
850
255PHC850K
200
12.0
2.7
32x46
3
250
305PHC250K
40
7.0
4.6
15x34
3
250
305PHC250KG
50
7.0
4.2
17x29
3
330
305PHC330KJ
45
9.0
4.2
18.5x34
3
400
305PHC400K
55
9.0
3.6
21x34
3
600
305PHC600K
55
9.0
4.0
24x46
3
700
305PHC700K
70
12.0
6.1
27x44
3
850
305PHC850KS
110
12.0
3.6
29x59
3
850
305PHC850KR
125
12.0
3.2
30.5x55
3
850
305PHC850K
200
12.0
2.4
34.5x46
3.3
250
335PHC250K
40
7.0
4.2
15.5x34
3.3
330
335PHC330KJ
45
9.0
4.1
19x34
3.3
400
335PHC400KN
40
9.0
4.1
19x46
3.3
400
335PHC400K
55
9.0
3.5
22x34
3.3
600
335PHC600K
55
9.0
3.8
25x46
3.3
700
335PHC700K
70
12.0
5.9
30.5x46
3.3
850
335PHC850KS
110
12.0
3.5
30x59
3.3
850
335PHC850K
125
12.0
3.1
32x56
4
250
405PHC250K
40
9.0
3.6
17x34
4
330
405PHC330KJ
45
9.0
3.6
20.5x34
4
400
405PHC400K
40
9.0
3.7
20.5x46
Typical
ESR
@100 kHz,
+25°C in m


Similar Part No. - 474PHC600KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474PHC600KG ILLINOISCAPACITOR-474PHC600KG Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
474PHC600KG ILLINOISCAPACITOR-474PHC600KG Datasheet
214Kb / 3P
   Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
More results

Similar Description - 474PHC600KG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
682PPS302KG ILLINOISCAPACITOR-682PPS302KG Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com