Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

686PBM6R3M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 686PBM6R3M
Description  85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

686PBM6R3M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  686PBM6R3M Datasheet HTML 1Page - Illinois Capacitor, Inc. 686PBM6R3M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
®
I Very small size
I Audio coupling crossover network
I Voltage range: 6.3 WVDC to 50 WVDC
FEATURES
PBM
+85°C Non-Polar
7mm Height Radial
Lead Aluminum
Electrolytic Capacitors
Operating Temperature Range
6.3
10
16
25
35
50
.24
.20
.16
.16
.14
.12
6.3
10
16
25
35
50
2 minutes
Load Life
1,000 hours at 85°C with rated WVDC reversing polarity every 250 hours
< 20% of initial measured value
<200% of initial specified value
<Initial specified value
Capacitance change
Dissipation factor
Leakage current
SPECIFICATIONS
Capacitance Tolerance
±20% at 120Hz, 20°C
Leakage Current
Shelf Life
.05 CV or 10 µA
whichever is greater
1,000 hours at 85°C with no voltage applied.
Units will meet load life specifications.
Dissipation Factor
120Hz, 20°C
tan
δ
WVDC
Impedance Ratio
(Max.) @120Hz
-25/ 20°C
WVDC
SPECIAL ORDER OPTIONS
Special tolerances: ±10% (K), -10% + 30% (Q) Tape and Reel/Ammo Pack Cut, formed, cut and formed, and snap-in leads
Epoxy end seal Polyester sleeve
-40°C to + 85°C
Time
-40/ 20°C
4
3
2
2
2
2
86
4
4
3
3
For all applications with unknown/reversing polarity
WVDC
≤ 50 WVDC
Ripple Current Multipliers
Frequency (Hz)
50
120
400
1K
10K
100K
.75
1.0
1.19
1.36
1.53
1.57
Temperature (°C)
+85
1.0
+70
1.3
+60
1.5
+45
1.8
(See pages 33 thru 37)
I Capacitance range: .47 µF to100 µF
I Solvent tolerant end seals standard


Similar Part No. - 686PBM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686PBM6R3M ILLINOISCAPACITOR-686PBM6R3M Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
686PBM6R3M ILLINOISCAPACITOR-686PBM6R3M Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
686PBM6R3M ILLINOISCAPACITOR-686PBM6R3M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results

Similar Description - 686PBM6R3M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
475PUM050M ILLINOISCAPACITOR-475PUM050M Datasheet
91Kb / 2P
   85째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
104PLM050M ILLINOISCAPACITOR-104PLM050M Datasheet
414Kb / 2P
   85째C 7mm Height Low-Leakage Radial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M_13 Datasheet
246Kb / 2P
   85C Non-polar Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M_13 Datasheet
183Kb / 2P
   85C non-polar Low Profile, 7mm Height Aluminum Electrolytic Capacitors
104NPS050M ILLINOISCAPACITOR-104NPS050M Datasheet
99Kb / 2P
   85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
logo
RFE international
RN010M2ABK050110 RFE-RN010M2ABK050110 Datasheet
100Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RNG Series: Radial Non-Polar
RN010M2ABK063110 RFE-RN010M2ABK063110 Datasheet
101Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RN Series: Radial Non-Polar
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com