Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

154PHB850K2H Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 154PHB850K2H
Description  Metallized Polypropylene Film Capacitors for Switching Circuits 2, 4 or 6 leaded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

154PHB850K2H Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  154PHB850K2H Datasheet HTML 1Page - Illinois Capacitor, Inc. 154PHB850K2H Datasheet HTML 2Page - Illinois Capacitor, Inc. 154PHB850K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 154PHB850K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 154PHB850K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 154PHB850K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 154PHB850K2H Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
200
®
PHB
+85°C Metallized
Polypropylene Capacitor
PHYSICAL DIMENSIONS
250
(160)
µF
Convert to inches, divide by 25.4
LxHxT
4 Lead Construction
P
LxHxT
P
LxHxT
P
LxHxT
P
mm
WVDC
(VAC)
0.68
32x33x18
5.1
1
32x33x18
10.2
32x37x22
10.2
1.5
32x37x22
10.2
2
32x33x18
10.2
32x37x22
10.2
42.5x37x28 10.2
2.2
32x33x18
10.2
42.5x37x28
10.2
42.5x37x28 10.2
2.5
42.5x37x28 20.3
3
32x33x18
5.1
32x37x22
10.2
42.5x37x28
10.2
42.5x45x30 20.3
3.3
32x33x18
5.1
32x37x22
10.2
42.5x37x28
20.3
42.5x45x30 20.3
4
32x33x18
10.2
42.5x37x28 10.2
42.5x45x30
20.3
57.5x45x30 20.3
4.7
32x28x14
5.1
32x33x18
5.1
32x37x22
10.2
42.5x37x28 10.2
42.5x45x30
20.3
57.5x45x30 20.3
5
32x28x14
5.1
32x33x18
5.1
32x37x22
10.2
42.5x37x28 10.2
42.5x45x30
20.3
5.6
57.5x50x35 20.3
6
42.5x37x28
10.2
57.5x45x30
20.3
57.5x50x35 20.3
6.8
32x33x18
5.1
32x37x22
10.2
42.5x45x30
20.3
57.5x45x30 20.3
8
57.5x50x35
20.3
9
42.5x45x30 20.3
57.5x50x35
20.3
10
32x33x18
10.2
42.5x37x28
20.3
57.5x45x30 20.3
15
42.5x37x28
10.2
42.5x45x30
20.3
57.5x50x35
20.3
20
42.5x37x28
10.2
42.5x45x30
20.3
57.5x45x30
20.3
22
42.5x37x28
10.2
57.5x50x35
20.3
25
42.5x37x28
20.3
57.5x45x30
20.3
57.5x50x35
20.3
30
42.5x45x30
20.3
57.5x45x30
20.3
33
42.5x45x30
20.3
57.5x50x35
20.3
35
57.5x50x35
20.3
40
57.5x45x30
20.3
57.5x50x35
20.3
50
57.5x50x35
20.3
60
57.5x50x35
20.3
400
(250)
600
(330)
700
(400)
850
(450)
330
(200)
4 Lead Construction
5.5±1.5
P±0.5
L
T
d
S±0.5
H
L
S
d
32
27.5
1.2
42.5
37.5
1.2
57
52.5
1.2
LxHxT
P
LxHxT
P


Similar Part No. - 154PHB850K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
154PHB850K2H ILLINOISCAPACITOR-154PHB850K2H Datasheet
595Kb / 6P
   Switching polypropylene film capacitors
154PHB850K2H ILLINOISCAPACITOR-154PHB850K2H Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
More results

Similar Description - 154PHB850K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PHC850KG ILLINOISCAPACITOR-104PHC850KG_13 Datasheet
482Kb / 3P
   Metallized Polypropylene Film Capacitors Axial Leaded for Switching Circuits
155PMC700KP2 ILLINOISCAPACITOR-155PMC700KP2 Datasheet
391Kb / 3P
   Metallized Polypropylene Film Capacitors for Switching Circuits
104PHC850KG ILLINOISCAPACITOR-104PHC850KG Datasheet
392Kb / 5P
   Metallized Polypropylene Film Capacitors for Switching Circuits
logo
Cornell Dubilier Electr...
930 CDE-930 Datasheet
263Kb / 3P
   Polypropylene Film Capacitors Axial Leaded Metallized Polypropylene
logo
Illinois Capacitor, Inc...
102MPW630K ILLINOISCAPACITOR-102MPW630K_13 Datasheet
252Kb / 2P
   Axial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
105MPH100K ILLINOISCAPACITOR-105MPH100K_13 Datasheet
204Kb / 2P
   Axial leaded metallized polypropylene film capacitors
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com