Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG-12864C Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AG-12864C
Description  SPECIFICATIONS FOR LCD MODULE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AG-12864C Datasheet(HTML) 3 Page - ZETTLER Electronics

  AG-12864C Datasheet HTML 1Page - ZETTLER Electronics AG-12864C Datasheet HTML 2Page - ZETTLER Electronics AG-12864C Datasheet HTML 3Page - ZETTLER Electronics AG-12864C Datasheet HTML 4Page - ZETTLER Electronics AG-12864C Datasheet HTML 5Page - ZETTLER Electronics AG-12864C Datasheet HTML 6Page - ZETTLER Electronics AG-12864C Datasheet HTML 7Page - ZETTLER Electronics AG-12864C Datasheet HTML 8Page - ZETTLER Electronics AG-12864C Datasheet HTML 9Page - ZETTLER Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
FEATURES
(1)
Display format : 128
× 64 dot-matrix ; 1/ 64 duty.
(2)
Construction : STN / FSTN LCD, Bezel, Zebra, Heat Seal and PCB.
(3)
Optional Edge LED or EL backlight.
(4)
Controller : KS0108B.
(5)
5V single power input. Built-in DC/DC converter for LCD driving.
(6)
Normal / Extended temperature type.
2
NUMBERING SYSTEM
AG-12864C _ _ _ _ - _
1 2 3 4
5
No
Code Value
Description
Remark
G
STN gray type LCD
Y
STN yellow green type LCD
S
STN negative type LCD
1
F
FSTN type LCD
LCD Type
A
Reflective type / 6:00 view
B
Reflective type / 12:00 view
I
Transflective type / 6:00 view
J
Transflective type / 12:00 view
T
Negative type / 6:00 view
2
U
Negative type / 12:00 view
Polarizer / Viewing Angel
None
Without backlight
Q
5V Edge type LED
3
E
EL
Backlight type
None
Without backlight
Y
Yellow-green (LED)
B
Blue (EL)
4
W
White (EL, LED)
Backlight color
None
Normal temperature type
5
H
Extended temperature type
LCM temperature type
Date : 2003/3/17
AMPIRE CO., LTD.
3


Similar Part No. - AG-12864C

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AG-12864A ZETTLER-AG-12864A Datasheet
557Kb / 18P
   SPECIFICATIONS FOR LCD MODULE
AG-12864D ZETTLER-AG-12864D Datasheet
200Kb / 17P
   SPECIFICATIONS FOR LCD MODULE
AG-12864E ZETTLER-AG-12864E Datasheet
540Kb / 17P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - AG-12864C

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com