Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UYF14C Datasheet(PDF) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Part # UYF14C
Description  High Saturation Magnetic Flux Density
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Direct Link  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UYF14C Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UYF14C Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UYF14C Datasheet HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
UYF16,UYF15,UYF17,Mn-Zn ferrite core,UYF cores,special cores,UYF18,UYF14,UYF13,UYF12,UYF11.5,
06/12/2007 04:39:38 PM
http://www.magnet-tech.com/product/MnZn/mnzn_power_ferrite/uyf.htm
print version
UYF CORES
Introduce UYF cores
UYF core is one of Mn-Zn ferrite core, has round leg, which allows easy winding, also of strip conductors.
Because of the high voltages involved, the round shape helps to prevent corona effect. U-type cores are used
for power, pulse and high-voltage transformers, and UYF cores are special cores, similarly possess of the same
use. UYF core, with the U-Shape core's thickness C (sometimes also including U core height 2 x B) as its
distinction, consists of 10~18 series, some gets two round cylinder surfaces, some only gets one. The series of
UYF cores are abundance, including UYF16, UYF15, UYF17, UYF18, UYF14, UYF13, UYF12, UYF11.5, UYF10,
UYF9.8, UYF9.6, UYF11.5, UYF14.5, UYF14.7,etc. The same type of UYF16, UYF15, UYF17, and others also has
different specifications, please find the details in the follow tables.
Features UYF cores:
1. High Saturation Magnetic Flux Density (Bs)
2. Low Core Loss
Application of UYF cores:
1. Transformer for Power Supply
2. Fly Back Transformer for TV set And Monitor
3. FBT and kinds of transformers
Type
Dimensions(mm)
AB
C
D
E
F
UYF9.8
33.0±0.5
22.3±0.3
9.8±0.4
12.0
9.0±0.4
14.5±0.3
UYF10
30.4±0.5
30.0±0.3
10.0±0.3
11.7
8.15±0.3
21.6±0.3
UYF11.5A
33.5±0.6
29.0±0.3
11.5±0.3
12.0
9.5±0.3
19.0±0.3
UYF11.5B
34.5±0.6
29.0±0.3
11.5±0.3
13.0
9.5±0.3
19.0±0.3
UYF11.5C
35.3±0.6
33.0±0.3
11.5±0.3
13.9
9.3±0.3
23.0±0.3
UYF12
37.0±0.6
35.0±0.3
12.0±0.3
15.8
8.4±0.3
25.0±0.3
UYF13A
35.4±0.5
30.5±0.3
13.0±0.3
12.0
9.8±0.3
20.5±0.3
UYF13B
38.0±0.6
33.0±0.3
13.0±0.3
13.8
10.7±0.3
22.0
UYF13C
33.5±0.7
30.5±0.3
13.0±0.3
11.5
8.4±0.3
20.5±0.3
UYF13D
37.2±0.5
31.5±0.3
13.0±0.3
15.0
8.5±0.3
21.5±0.3
UYF14A
42.7±0.7
33.8±0.3
14.0±0.3
16.75
11.5±0.3
22.3±0.3
UYF14B
40.8±0.7
34.3±0.3
14.5±0.3
13.8
12.0±0.3
22.3±0.3
UYF14C
40.0±0.6
35.0±0.3
14.0±0.3
15.0
10.4±0.4
23.9±0.3
UYF14D
39.5±0.5
34.3±0.3
14.0±0.3
14.0
10.4±0.4
23.4±0.2
AL :1kHz,0.5mA,100Ts
UYF14E
39.0±0.6
33.5±0.3
14.0 +0.1
-0.4
13.5
10.4±0.4
22.5±0.3
UYF14F
38.5±0.5
34.3±0.3
14.0±0.3
13.8
10.4±0.4
23.4±0.2
UYF14G
38.5±0.5
33.3±0.3
14.0±0.3
13.5
10.5±0.3
22.5±0.3
UYF14.5
43max
34.5±0.3
14.5±0.3
15.8
12.0±0.4
22.5±0.3
UYF14.7
42.0±0.7
34.2±0.3
14.7±0.4
14.5
12.0±0.4
22.5±0.3
UYF15A
42.3±0.5
35.3±0.3
15.0±0.3
15.0
11.8±0.4
23.3±0.3
UYF15B
42.2±0.6
36.7±0.3
15.0±0.3
15.0
11.8±0.4
24.7±0.3
UYF15C
42.0±0.6
37.5±0.3
15.0±0.3
14.2
11.8±0.4
25.5±0.3
UYF15D
42.0±0.5
34.2±0.2
15.0±0.3
14.5
11.8±0.4
22.3±0.2
UYF15E
41.8±0.6
35.9+0.3
-0.1
15.0±0.3
14.8
11.8±0.4
24.2±0.3
UYF15F
46.0±0.8
27.5±0.3
15.0±0.3
18.4
12.0±0.3
15.5±0.3
UYF16A
48.0±0.5
39.8±0.3
16.0±0.3
18.0
13.2±0.4
26.5±0.3
UYF16B
43.0±0.6
38.9±0.3
16.0+0.2
-0.4
14.6
11.9±0.4
26.0±0.3
UYF16C
41.9±0.6
37.2±0.3
16.0±0.3
13.8
12.0±0.4
25.2±0.2
UYF17A
46.5±0.8
39.8±0.3
17.0+0.1
-0.4
16.0
13.2±0.4
26.5
UYF17B
46.0±0.6
38.5±0.3
16.7±0.3
16.0
13.2±0.4
25.5±0.3
UYF17C
46.0±0.5
37.5±0.3
16.5±0.3
15.2
13.2±0.4
24.5±0.3
UYF18A
48.4±0.6
39.8±0.3
18.0±0.3
15.5
14.5±0.4
25.0±0.3
UYF18B
48max
39.0±0.3
17.5±0.3
15.8
13.9±0.4
25.0±0.3
UYF18C
47.7±0.3
39.0±0.3
17.5±0.3
15.8
14.0±0.4
25.5±0.3


Similar Description - UYF14C

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXR7-SW30 LUMILEDS-LXR7-SW30 Datasheet
1Mb / 24P
   High Flux Density and Efficacy
logo
NXP Semiconductors
LXR7-SW65 PHILIPS-LXR7-SW65 Datasheet
1Mb / 26P
   High Flux Density and Efficacy
20140714
logo
Lumileds Lighting Compa...
LXS8-PW27 LUMILEDS-LXS8-PW27 Datasheet
1Mb / 16P
   High flux density with compact light
logo
Ferroxcube Internationa...
3E65 FERROXCUBE-3E65 Datasheet
664Kb / 8P
   Medium permeability High Curie Temperature High Saturation Flux Superior EMI ferrite material
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
   12 Bit Digital Output Magnetic Flux Sensor
logo
Carlo Gavazzi Holding A...
FLM CARLOGAVAZZI-FLM Datasheet
44Kb / 2P
   Proximity Magnetic Sensors Flux Sensors FLM Series
logo
Coilcraft lnc.
MSS1246T-102ML COILCRAFT-MSS1246T-102ML Datasheet
221Kb / 2P
   Designed for high ambient temperatures Magnetic shielding allows high density mounting
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Marktech Corporate
MTHF1100-WR MARKTECH-MTHF1100-WR Datasheet
155Kb / 3P
   High Flux LEDs
logo
Everlight Electronics C...
EAPL3527BA6 EVERLIGHT-EAPL3527BA6 Datasheet
454Kb / 11P
   High flux output.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com