Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

224NPS050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 224NPS050M
Description  85째C Non-Polar Surface Mount Chip Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224NPS050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  224NPS050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 224NPS050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3757 W. Touhy Ave., Lincolnwood, IL 60712 • (847) 675-1760 • Fax (847) 673-2850 • www.illcap.com
28
®
DIMENSIONS
4
5
6.3
5.4 +0.1/-0.2
5.4 +0.1/-0.2
5.4 +0.1/-0.2
4.3
5.3
6.6
4.3
5.3
6.6
5.0
6.0
7.3
1.0
1.4
2.2
0.5~0.8
0.5~0.8
0.5~0.8
D+0.5 MAX
L
W±0.2
H±0.2
C±0.2
R
P±0.2
0.3 MAX
W
L
R
(+)
(µF)
PHYSICAL DIMENSIONS
(mm)
NPS
+85°C Non-Polar
Surface Mount
Chip Aluminum
Electrolytic Capacitors
STANDARD PART LISTING
(mm)
6.3
10
16
25
35
50
(7.9)
(13)
(20)
(32)
(44)
(63)
0.1
4x5.4
0.22
4x5.4
0.33
4x5.4
0.47
-
-
-
4x5.4
1
-
-
4x5.4
2.2
-
-
4x5.4
5x5.4
3.3
5x5.4
4.7
-
-
4x5.4
5x5.4
6.3x5.4
10
4x5.4
5x5.4
6.3x5.4
22
5x5.4
-
6.3x5.4
33
-
6.3x5.4
47
6.3x5.4
WVDC
Dimensions
DxL
(mm)
0.1
50
104NPS050M
2321.01
1
4x5.4
0.22
50
224NPS050M
1055.00
2.3
4x5.4
0.33
50
334NPS050M
703.34
3.5
4x5.4
0.47
50
474NPS050M
493.83
5
4x5.4
1
50
105NPS050M
232.10
10
4x5.4
2.2
35
225NPS035M
105.50
8.4
4x5.4
2.2
50
225NPS050M
105.50
15
5x5.4
3.3
50
335NPS050M
70.33
18
5x5.4
4.7
16
475NPS016M
63.49
12
4x5.4
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Maximum RMS
Ripple Current
(mA) at 120Hz,
+85°C
Capacitance
(µF)
WVDC
Dimensions
DxL
(mm)
PART
NUMBER
Maximum
ESR
120Hz,
+20°C
Maximum RMS
Ripple Current
(mA) at 120Hz,
+85°C
Capacitance
(µF)
4.7
35
475NPS035M
49.38
23
5x5.4
4.7
50
475NPS050M
49.38
23
6.3x5.4
10
10
106NPS010M
33.157
17
4x5.4
10
16
106NPS016M
29.842
25
5x5.4
10
35
106NPS035M
23.210
30
6.3x5.4
22
6.3
226NPS6R3M
18.086
31
5x5.4
22
16
226NPS016M
13.564
39
6.3x5.4
33
16
336NPS016M
9.043
57
6.3x5.4
47
6.3
476NPS6R3M
8.466
47
6.3x5.4
WVDC
(SV)


Similar Part No. - 224NPS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224NPS050M ILLINOISCAPACITOR-224NPS050M Datasheet
197Kb / 2P
   Bi-Polar 1000 hours
224NPS050M ILLINOISCAPACITOR-224NPS050M Datasheet
192Kb / 2P
   Small size ??Non/Bi-polar
224NPS050M ILLINOISCAPACITOR-224NPS050M Datasheet
123Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 224NPS050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
474BPS050M ILLINOISCAPACITOR-474BPS050M Datasheet
114Kb / 3P
   85째C Non-Polar Radial Lead Aluminum Electrolytic Capacitors
474PBM050M ILLINOISCAPACITOR-474PBM050M Datasheet
413Kb / 2P
   85째C Non-Polar 7mm Height Radial Lead Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRESN NIC-NRESN Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
104SML050MD4 ILLINOISCAPACITOR-104SML050MD4 Datasheet
114Kb / 3P
    85째C General Purpose Surface Mount Chip Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com